Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGY1V103MELA45 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGY1V103MELA45
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGY1V103MELA45 Datasheet(HTML) 1 Page - Nichicon corporation

  LGY1V103MELA45 Datasheet HTML 1Page - Nichicon corporation LGY1V103MELA45 Datasheet HTML 2Page - Nichicon corporation LGY1V103MELA45 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Category Temperature Range
Tangent of loss angle (tan
δ)
Performance Characteristics
10±
0.1
2-2 φ
(PC board hole dimensions)
(Terminal dimensions)
1.5
0.8
+0.2
-0.1
+0
.2
-0.1
0.8
+0.2
-0.1
Polarity bar
10
2
4.0
±0.5
Pressure relief vent
±0.1
Sleeve (P.E.T.)
L
1
G
2
Y
3
2
4
A
5
6
6
8
7
1
8
M
9
E
10
L
11
Z3 0
12
13 14
Configuration
Case dia. code
Case height code
Capacitance tolerance (
±20%)
Rated capacitance (680 F)
Rated voltage (100V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Drawing
Type numbering system (Example : 100V 680µF)
Specifications
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Marking
Item
– 40 to +105°C
16 to 100V
560 to 47000µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated ripple
current is applied for 5000 hours at 105°C, the peak voltage
shall not exceed the rated voltage.
Z
25°C/ Z+20°C
Z
40°C/ Z+20°C
Rated voltage(V)
Impedance ratio
ZT/Z20 (MAX.)
16 to 100
4
20
ALUMINUM ELECTROLYTIC CAPACITORS
GY
series
Snap-in Terminal Type, 105°C Long Life Assurance
Long life assurance series withstanding 5000 hours application of ripple current at 105°C.
Suited for use in industrial power supplies applications where high reliability and dependable
performance are the most important.
Suited for ballast application.
Compliant to the RoHS directive (2011/65/EU).
Dimension table in next page.
GU
The other terminal is also available upon request.
Please refer page 328 for schematic of dimensions.
After storing the capacitors under no load at 105°C
for 1000 hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
Capacitance change
Leakage current
tan
δ
Within ±15% of the initial capacitance value
Less than or equal to the initial specified value
150% or less than the initial specified value
Capacitance change
Leakage current
tan
δ
Within ±25% of the initial capacitance value
Less than or equal to the initial specified value
250% or less than the initial specified value
3 CV
GY
Measurement frequency : 120Hz at 20°C
Rated voltage(V)
tan
δ (MAX.)
16
0.50
25
0.40
35
0.35
50
0.30
63
0.25
80
100
0.20
Minimum order quantity : 50pcs.
Frequency coefficient of rated ripple current
Frequency (Hz)
50
60
120
300
1k
10k
50k or more
0.88
0.90
1.00
1.07
1.15
1.15
1.15
16 to 100V
GX
Smaller
Long Life
Long Life
GR
CAT.8100C


Similar Part No. - LGY1V103MELA45

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870-J2K2-1 OSRAM-LGY870-J2K2-1 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870-J2M1-1 OSRAM-LGY870-J2M1-1 Datasheet
498Kb / 20P
   white SMT package, colorless clear resin
LGY870-K2M1-1 OSRAM-LGY870-K2M1-1 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
More results

Similar Description - LGY1V103MELA45

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com