Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-LSP1250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-LSP1250
Description  PCB Support - LSP Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-LSP1250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-LSP1250 Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-LSP1250 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: in. (mm)
561-LSP187, 561-LSP250, 561-LSP375, 561-LSP437,
561-LSP500, 561-LSP625, 561-LSP750, 561-LSP875,
561-LSP1000, 561-LSP1125, 561-LSP1250, 561-LSP1375
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200443
Date Last Revised: 10-24-06
SPECIFICATIONS
561-LSP187
LSP 187
.307 (7.8)
561-LSP250
LSP 250
.365 (9.27
561-LSP375
LSP 375
.495 (12.57)
561-LSP437
LSP 437
.557 (14.15)
561-LSP500
LSP 500
.625 (15.88)
561-LSP625
LSP 625
.745 (18.92)
561-LSP750
LSP 750
.87 (22.1)
561-LSP875
LSP 875
.995 (25.27)
561-LSP1000
LSP 1000
1.12 (28.45)
561-LSP1125
LSP 1125
1.245 (31.62)
561-LSP1250
LSP 1250
1.37 (34.80)
561-LSP1375
LSP 1375
1.495 (37.97)
Mouser Num.
Description
A
In (mm)
A
.06
(1.52)
ø.172
(ø4.37)
.035
(.89)
MSP end fits a .156 (3.96) hole
Locking end fits a .187 (4.75) hole
Panel thickness .030/.078 (.76/1.98)
PCB Support - LSP Series
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 561-LSP1250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-L4.25 ETC2-561-L4.25 Datasheet
226Kb / 2P
   HEX NYLON TAPPED SPACERS
561-L4.375 ETC2-561-L4.375 Datasheet
226Kb / 2P
   HEX NYLON TAPPED SPACERS
561-L4.50 ETC2-561-L4.50 Datasheet
226Kb / 2P
   HEX NYLON TAPPED SPACERS
561-L4.625 ETC2-561-L4.625 Datasheet
226Kb / 2P
   HEX NYLON TAPPED SPACERS
561-L4.75 ETC2-561-L4.75 Datasheet
226Kb / 2P
   HEX NYLON TAPPED SPACERS
More results

Similar Description - 561-LSP1250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-LMSP125 ETC2-561-LMSP125 Datasheet
84Kb / 2P
   PCB Support
561-LCSP125 ETC2-561-LCSP125 Datasheet
83Kb / 2P
   PCB Support
561-LMTP250 ETC2-561-LMTP250 Datasheet
75Kb / 2P
   Male PCB Support Posts
561-187TAB ETC2-561-187TAB Datasheet
202Kb / 2P
   Mini Locking PCB Support
561-EZS200 ETC2-561-EZS200 Datasheet
195Kb / 2P
   EZ Twist Lock Support PCB
561-LAD187 ETC2-561-LAD187 Datasheet
89Kb / 2P
   Locking PCB Support Adhesive Base
logo
WECO ELECTRICAL CONNECT...
120-M-311 WECO-120-M-311 Datasheet
80Kb / 1P
   Pin strip Plug-in direction parallel to PCB, with support
07.19
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
   Support Plate
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com