Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM16515 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM16515
Description  300mA, Micropower, VLDO Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM16515 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM16515 Datasheet HTML 1Page - Union Semiconductor, Inc. UM16515 Datasheet HTML 2Page - Union Semiconductor, Inc. UM16515 Datasheet HTML 3Page - Union Semiconductor, Inc. UM16515 Datasheet HTML 4Page - Union Semiconductor, Inc. UM16515 Datasheet HTML 5Page - Union Semiconductor, Inc. UM16515 Datasheet HTML 6Page - Union Semiconductor, Inc. UM16515 Datasheet HTML 7Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Feb.2012
4/7
UM165XX
Pin Function
GND (Pin1): Ground and Heat Sink. Solder to a ground plane or large pad to maximize heat
dissipation.
OUT (Pin 2): Voltage Regulated Output. The OUT pin supplies power to the load. A minimum
output capacitor of 1μF is required to ensure stability. Larger output capacitors may be required for
applications with large transient loads to limit peak voltage transients. See the Applications
Information section for more information on output capacitance.
IN (Pin 3): Power for UM165XX and Load. Power is supplied to the devices through the IN pin.
The IN pin should be locally bypassed to ground if the UM165XX series are more than a few
inches away from another source of bulk capacitance. In general, the output impedance of a battery
rises with frequency, so it is usually advisable to include an input bypass capacitor in
battery-powered circuits. A capacitor in the range of 0.1μF to 1μF is usually sufficient. The
UM165XX series are designed to withstand reverse voltages on the IN pin with respect to both
ground and the output pin. In the case of a reversed input, which can happen if a battery is plugged
in backwards, the UM165XX will act as if there is a large resistor in series with its input with only
a small amount of current flow.
Typical Application Circuit


Similar Part No. - UM16515

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
logo
STMicroelectronics
UM1653 STMICROELECTRONICS-UM1653 Datasheet
1Mb / 45P
   STM32 Advanced NAND Flash Driver for SLC NAND
logo
Union Semiconductor, In...
UM16533 UNIONSEMI-UM16533 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
More results

Similar Description - UM16515

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com