Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2010H Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PCF2010H
Description  Precision Thin Film Nichrome Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF2010H Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PCF2010H Datasheet HTML 1Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PCF0603-11-1K54BI (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free)
P C F
0
6
0
3
-
1
1
-
1
K 5
4 B
I
1
2
3
4
5
6
7
USA (IRC) Part Number*: PCF-W0603LF-11-1541-B-P-LT (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free)
P C F
- W 0
6
0
3
L
F
-
1
1
-
1
5
4
1
-
B
-
P
-
L
T
1
2
3
4
5
6
7
8
* Applies only to Standard Range parts.
1
2
3
4
5
6
7
Type Size
Range
TCR
Value
Tolerance
Termination & Packing
PCF 0201
Omit for
Standard
-13 = ±5ppm/°C E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
M = megohms
L = ±0.01%
Pb-free only
0402
-12 = ±10ppm/°C
W = ±0.05%
I = Standard Packing
0603 H = High Power -11 = ±15ppm/°C
B = ±0.1%
0201, 0402 10,000/reel
0805
X = Extended
R = ±25ppm/°C
C = ±0.25% 0603 to 1210 5000/reel
1206 P = Passivated -02 = ±50ppm/°C
D = ±0.5%
2010, 2512
4000/reel
1210
F = ±1%
T1*
2010
0201 to 1206,
2010, 2512
1000/reel
2512
* Non-standard; enquire to confirm
availability
1
2
3
4
5
6
7
8
Type Model Termination
TCR
Value
Tolerance
Tape
Packing
PCF W0201 LF = Pb-free
(100%Sn)
13 = ±5ppm/°C 3 digits + multiplier T = ±0.01%
P = Paper
(0201 to 1210)
LT = Tape & Reel
W0402
12 = ±10ppm/°C
R = ohms for
values <100 ohms
A = ±0.05%
0201, 0402 10,000/reel
W0603
11 = ±15ppm/°C
B = ±0.1% E = Embossed
(2010, 2512)
0603 to 1210 5000/reel
W0805
03 = ±25ppm/°C
C = ±0.25%
2010, 2512
4000/reel
W1206
02 = ±50ppm/°C
D = ±0.5%
W1210
F = ±1%
W2010
W2512


Similar Part No. - PCF2010H

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PCF2010 TTELEC-PCF2010 Datasheet
813Kb / 6P
   precision thin film technology
More results

Similar Description - PCF2010H

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com