Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM17728 Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM17728
Description  500mA, Micropower, VLDO Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM17728 Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM17728 Datasheet HTML 1Page - Union Semiconductor, Inc. UM17728 Datasheet HTML 2Page - Union Semiconductor, Inc. UM17728 Datasheet HTML 3Page - Union Semiconductor, Inc. UM17728 Datasheet HTML 4Page - Union Semiconductor, Inc. UM17728 Datasheet HTML 5Page - Union Semiconductor, Inc. UM17728 Datasheet HTML 6Page - Union Semiconductor, Inc. UM17728 Datasheet HTML 7Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Sep.2010
3/7
UM177XX
Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
VOUT+
VDROP
6.0
V
VUVLO
Input Under Voltage
Lockout*
VIN falling
2.0
2.6
V
VIN=5.0V,IOUT=0mA
90
IQ
Operating Quiescent
Current
VIN=5.0V,IOUT=500mA
100
μA
I
SHDN
___________
Shutdown Leakage
Current
1
μA
ESD Rating
Human Body Mode
2
KV
IOUT
Output Current
500
mA
1mA≤IOUT≤150mA,
TA=+25℃
-1
+1
1mA≤IOUT≤150mA,
TA=-40℃ to +85℃
-2
+2
Output Voltage
Accuracy
1mA≤IOUT≤500mA,
TA=-40℃ to +85℃
-2.5
+2.5
%
ΔVDO
Dropout Voltage
IOUT=500mA
250
400
mV
ILIMT
Output Current Limit
VIN≥2.5V
700
mA
Input Reverse
Leakage Current
(OUT to IN Leakage
Current)
VIN=4V, VOUT=5.5V
chip active
0.01
1.5
μA
t
Startup Time
Response
RL=68Ω, COUT=1μF
20
μs
VIL
SHDN
___________
Input Low
Voltage
0.3×VIN
V
VIH
SHDN
___________
Input High
Voltage
0.7×VIN
V
SHDN
___________
Input Current
SHDN
___________
=VIN or GND
-1
0.1
+1
μA
TSHDN
Thermal-Shutdown
Temperature
160
ΔTSHDN
Thermal-Shutdown
Hysteresis
20
Line Regulation
VOUT+1V≤VIN≤VOUT+2V
IOUT=10mA
0.09
%/V
Load Regulation
VIN=VOUT+1V
1mA≤IOUT≤150mA
0.2
%
Output Voltage Noise
10Hz to 100KHz
CIN=0.1μF, IOUT=10mA
75
μVR
MS
F=100Hz
70
F=1KHz
65
F=10KHz
50
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=100mA
F=100KHz
40
dB
*Only UM17735/UM17733/UM17730/UM17728/UM17725 has this function.


Similar Part No. - UM17728

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1770 STMICROELECTRONICS-UM1770 Datasheet
629Kb / 56P
   BlueNRG profile application interface
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
UM1770DA-00 UNIONSEMI-UM1770DA-00 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
UM1770DA-10 UNIONSEMI-UM1770DA-10 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
UM1770DA-11 UNIONSEMI-UM1770DA-11 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM17728

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com