Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM36540S Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM36540S
Description  300mA, Micropower, VLDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM36540S Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM36540S Datasheet HTML 2Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 3Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 4Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 5Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 6Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 7Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 8Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 9Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Nov.2010
6/10
UM365XX
Line Transient Response
Line Transient Response
Pin Function
IN (Pin 1): Power for UM365XXS and Load. Power is supplied to the devices through the IN pin.
The IN pin should be locally bypassed to ground if the UM365XXS series are more than a few
inches away from another source of bulk capacitance. In general, the output impedance of a
battery rises with frequency, so it is usually advisable to include an input bypass capacitor in
battery-powered circuits. A capacitor in the range of 0.1μF to 1μF is usually sufficient. The
UM365XXS series are designed to withstand reverse voltages on the IN pin with respect to both
ground and the output pin. In the case of a reversed input, which can happen if a battery is
plugged in backwards, the UM365XXS will act as if there is a large resistor in series with its input
with only a small amount of current flow.
OUT (Pin 2): Voltage Regulated Output. The OUT pin supplies power to the load. A minimum
output capacitor of 1μF is required to ensure stability. Larger output capacitors may be required
for applications with large transient loads to limit peak voltage transients. See the Applications
Information section for more information on output capacitance.
GND (Pin3): Ground and Heat Sink. Solder to a ground plane or large pad to maximize heat
dissipation.
Typical Application Circuit
OUT
1μF
1μF
VOUT
VIN
IN
GND
VIN=4.3V to 5.3V(1V/div)
VOUT=3.3V (100mV/div)
VIN=5.3V to 4.3V(1V/div)
VOUT=3.3V (100mV/div)
VIN=4.3V,Iout=10mA ,
100us/div
VIN=4.3V,Iout=10mA ,
100us/div


Similar Part No. - UM36540S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM36540S UNIONSEMI-UM36540S Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM36540S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com