Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM36540S Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM36540S
Description  300mA, Micropower, VLDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM36540S Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM36540S Datasheet HTML 2Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 3Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 4Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 5Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 6Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 7Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 8Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 9Page - Union Semiconductor, Inc. UM36540S Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Nov.2010
10/10
UM365XX
IMPORTANT NOTICE
The information in this document has been carefully reviewed and is believed to be
accurate. Nonetheless, this document is subject to change without notice. Union assumes
no responsibility for any inaccuracies that may be contained in this document, and makes
no commitment to update or to keep current the contained information, or to notify a
person or organization of any update. Union reserves the right to make changes, at any
time, in order to improve reliability, function or design and to attempt to supply the best
product possible.
Union Semiconductor, Inc
Add: 7F, No. 5, Bibo Road, Shanghai 201203
Tel: 021-51097928
Fax: 021-51026018
Website: www.union-ic.com


Similar Part No. - UM36540S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM36540S UNIONSEMI-UM36540S Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM36540S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com