Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM37542S Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM37542S
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37542S Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM37542S Datasheet HTML 3Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 4Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 5Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 6Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 7Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 8Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 9Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 10Page - Union Semiconductor, Inc. UM37542S Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Nov.2013
7/12
UM375xx
Typical Performance Characteristics
Outpout Voltage vs Output Current
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
0
50
100
150
200
250
300
Output Current(mA)
Output Voltage vs Input Voltage
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
3.5
4
4.555.5
6
Input Voltage(V)
UM37533,
Iload=10mA
UM37533, VIN=4.3V
Dropout Voltage vs Output Current
0
50
100
150
200
250
300
350
0
25
50
75
100 125 150 175 200 225 250 275 300
Output Current(mA)
UM37533
UM37518, Iout=0mA
UM37518,Iout=100mA
UM37518,VIN=2V


Similar Part No. - UM37542S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37542S UNIONSEMI-UM37542S Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37542S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com