Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM17715 Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM17715
Description  500mA, Micropower, VLDO Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM17715 Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM17715 Datasheet HTML 1Page - Union Semiconductor, Inc. UM17715 Datasheet HTML 2Page - Union Semiconductor, Inc. UM17715 Datasheet HTML 3Page - Union Semiconductor, Inc. UM17715 Datasheet HTML 4Page - Union Semiconductor, Inc. UM17715 Datasheet HTML 5Page - Union Semiconductor, Inc. UM17715 Datasheet HTML 6Page - Union Semiconductor, Inc. UM17715 Datasheet HTML 7Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Sep.2010
5/7
UM177XX
Pin Function
SHDN
___________
(Pin 1): Shutdown, Active Low. This pin is used to put the UM177XX into shutdown. The
SHDN
___________
pin cannot be left floating and must be tied to the input pin if not used.
GND (Pin 2): Ground and Heat Sink. Solder to a ground plane or large pad to maximize heat
dissipation.
VIN (Pin 3): Power for UM177XX and Load. Power is supplied to the devices through the IN pin.
The IN pin should be locally bypassed to ground if the UM177XX series are more than a few
inches away from another source of bulk capacitance. In general, the output impedance of a
battery rises with frequency, so it is usually advisable to include an input bypass capacitor in
battery-powered circuits. A capacitor in the range of 0.1μF to 1μF is usually sufficient. The
UM177XX series are designed to withstand reverse voltages on the IN pin with respect to both
ground and the output pin. In the case of a reversed input, which can happen if a battery is
plugged in backwards, the UM177XX will act as if there is a large resistor in series with its input
with only a small amount of current flow.
VOUT (Pin 4): Voltage Regulated Output. The OUT pin supplies power to the load. A minimum
output capacitor of 1μF is required to ensure stability. Larger output capacitors may be required
for applications with large transient loads to limit peak voltage transients. See the Applications
Information section for more information on output capacitance.
NC (Pin 5,6): Not Connected.
Typical Application Circuit


Similar Part No. - UM17715

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1771 STMICROELECTRONICS-UM1771 Datasheet
1Mb / 38P
   The EVAL6474H-DISC is a low cost development tool based
More results

Similar Description - UM17715

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com