Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM15442S Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM15442S
Description  Ultra Low Quiescent Current Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15442S Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM15442S Datasheet HTML 4Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 5Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 6Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 7Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 8Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 9Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 10Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 11Page - Union Semiconductor, Inc. UM15442S Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2014
10/12
UM153xx/UM154xx
UM153xxY SOT89-3
Outline Drawing
D1
D
e
e1
b
b1
A
c
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.020
b1
0.400
0.580
0.016
0.023
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
1.55REF
0.061REF
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
1.5TYP
0.06TYP
e1
3 TYP
0.118 TYP
L
0.900
1.200
0.035
0.047
Land Pattern
1.7
0.4
0.9
1.5
NOTES:
1. Compound dimension: 4.5×2.45;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
5XX


Similar Part No. - UM15442S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15442S UNIONSEMI-UM15442S Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15442S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com