Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM37530S Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM37530S
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37530S Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM37530S Datasheet HTML 1Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 2Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 3Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 4Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 5Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 6Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 7Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 8Page - Union Semiconductor, Inc. UM37530S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Nov.2013
5/12
UM375xx
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage on IN Pin
-0.3 to +7.5
V
VOUT
Voltage on OUT Pin
-0.3 to +7.5
V
TJ
Operating Junction Temperature (Notes 2, 3)
-40 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature for Soldering 10 seconds
+300
°C
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be
impaired.
Note 2: The UM375xx is tested and specified under pulse load conditions such that TJ≈TA. The
device is guaranteed to meet performance specifications from 0℃ to 70℃. Specifications
over the – 40℃ to 125℃ operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: This IC includes overtemperature protection that is intended to protect the device during
momentary overload conditions. Junction temperature will exceed 125℃ when
overtemperature protection is active. Continuous operation above the specified maximum
operating junction temperature may impair device reliability.


Similar Part No. - UM37530S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37530S UNIONSEMI-UM37530S Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37530S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com