Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7512AE Datasheet(PDF) 4 Page - Altera Corporation

Part # EPM7512AE
Description  Programmable Logic Device
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7512AE Datasheet(HTML) 4 Page - Altera Corporation

  EPM7512AE Datasheet HTML 1Page - Altera Corporation EPM7512AE Datasheet HTML 2Page - Altera Corporation EPM7512AE Datasheet HTML 3Page - Altera Corporation EPM7512AE Datasheet HTML 4Page - Altera Corporation EPM7512AE Datasheet HTML 5Page - Altera Corporation EPM7512AE Datasheet HTML 6Page - Altera Corporation EPM7512AE Datasheet HTML 7Page - Altera Corporation EPM7512AE Datasheet HTML 8Page - Altera Corporation EPM7512AE Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
Altera Corporation
MAX 7000A Programmable Logic Device Data Sheet
The MAX 7000A architecture supports 100% transistor-to-transistor logic
(TTL) emulation and high-density integration of SSI, MSI, and LSI logic
functions. It easily integrates multiple devices including PALs, GALs, and
22V10s devices. MAX 7000A devices are available in a wide range of
packages, including PLCC, BGA, FineLine BGA, Ultra FineLine BGA,
PQFP, and TQFP packages. See Table 3 and Table 4.
Notes to tables:
(1)
When the IEEE Std. 1149.1 (JTAG) interface is used for in-system programming or boundary-scan testing, four I/O
pins become JTAG pins.
(2)
All Ultra FineLine BGA packages are footprint-compatible via the SameFrameTM feature. Therefore, designers can
design a board to support a variety of devices, providing a flexible migration path across densities and pin counts.
Device migration is fully supported by Altera development tools. See “SameFrame Pin-Outs” on page 15 for more
details.
(3)
All FineLine BGA packages are footprint-compatible via the SameFrame feature. Therefore, designers can design a
board to support a variety of devices, providing a flexible migration path across densities and pin counts. Device
migration is fully supported by Altera development tools. See “SameFrame Pin-Outs” on page 15 for more details.
Table 3. MAX 7000A Maximum User I/O Pins
Note (1)
Device
44-Pin PLCC 44-Pin TQFP
49-Pin Ultra
FineLine
BGA (2)
84-Pin PLCC
100-Pin
TQFP
100-Pin
FineLine
BGA (3)
EPM7032AE
36
36
EPM7064AE
36
36
41
68
68
EPM7128A
68
84
84
EPM7128AE
68
84
84
EPM7256A
84
EPM7256AE
84
84
EPM7512AE
Table 4. MAX 7000A Maximum User I/O Pins
Note (1)
Device
144-Pin TQFP
169-Pin Ultra
FineLine BGA (2)
208-Pin PQFP
256-Pin BGA
256-Pin FineLine
BGA (3)
EPM7032AE
EPM7064AE
EPM7128A
100
100
EPM7128AE
100
100
100
EPM7256A
120
164
164
EPM7256AE
120
164
164
EPM7512AE
120
176
212
212


Similar Part No. - EPM7512AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7512AE ALTERA-EPM7512AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7512AE ALTERA-EPM7512AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7512AE ALTERA-EPM7512AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7512AE ALTERA-EPM7512AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7512AE ALTERA-EPM7512AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7512AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com