Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-253-EU-F1 Datasheet(PDF) 4 Page - Vicor Corporation

Part # VE-253-EU-F1
Description  DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-253-EU-F1 Datasheet(HTML) 4 Page - Vicor Corporation

  VE-253-EU-F1 Datasheet HTML 1Page - Vicor Corporation VE-253-EU-F1 Datasheet HTML 2Page - Vicor Corporation VE-253-EU-F1 Datasheet HTML 3Page - Vicor Corporation VE-253-EU-F1 Datasheet HTML 4Page - Vicor Corporation VE-253-EU-F1 Datasheet HTML 5Page - Vicor Corporation VE-253-EU-F1 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Parameter
Storage
Operating
Units Notes
E
-20to+100
-10to+85
°C Overtemperatureshutdown
C
-40to+100
-25to+85
°C 95°Ctypical(recyclepower
I
-55to+100
-40to+85
°C torestart)
M
-65to+100
-55to+85
°C
VI-200 DC-DC Converters
Rev 3.5
vicorpower.com
Page 4 of 6
04/2014
800 927.9474
VI-200, VE-200
VI-200E-Grade
VI-200C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Efficiency
78–88%
80–90%
Baseplatetosink
0.07
0.07
°C/Watt WithVicorP/N20266
thermalimpedance
Thermalshutdown[d]
90
95
105
90
95
105
°C Coolandrecyclepower
(Driversonly)
torestart
CONVERTERSPECIFICATIONS(cont.)
VI-200E-Grade
VI-200C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Inputtooutput
3,000
3,000
VRMS Baseplateearthed
Outputtobaseplate
500
500
VRMS
Inputtobaseplate
1,500
1,500
VRMS
VI-200E-,C-Grade
VI-200 I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Weight
5.7
6.3
6.9
6.6
7.3
8.1
Ounces
(160.2) (178) (195.8) (187.2) (208) (228.8) (Grams)
DIELECTRICWITHSTANDCHARACTERISTICS
THERMALCHARACTERISTICS
MECHANICALSPECIFICATIONS
PRODUCTGRADETEMPERATURES
[d]
Noovertempprotectioninboostermodules.


Similar Part No. - VE-253-EU-F1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-253-EU-BM VICOR-VE-253-EU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
More results

Similar Description - VE-253-EU-F1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com