Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-XTS1870442 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-XTS1870442
Description  XMAS Tree Type Clip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-XTS1870442 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-XTS1870442 Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-XTS1870442 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Round
Round
Conical
Blunt
Head Style
Style C
Style D
Crowned
Flat
Binder
Prong Style
Point Style
Style B
Style A
C
B
A
Dimensions: in. (mm)
XMAS Tree Type Clip
561-XT1250250, 561-XT1880250, 561-XT2500250, 561-XTS1250308,
561-XTS1870442, 561-XTS2500394, 561-XTS2500561, 561-XTS2500787,
561-XTS2501250, 561-XTS2812020, 561-XTS3170660
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
EPD-200511
Date Last Revised: 5/19/09
561-XT1250250
.125
.062/.250
Round
.344"
.062
B
.321
Conical
561-XT1880250
.188
.062/.250
Round
.500"
.078
B
.348
Conical
561-XT2500500
.250
.062/.500
Round
.700"
.100
C
.630
Conical
561-XTS1250308 .120/.130
.135/.250
Flat
1/4"
.080
D
.308
Mod. Blunt
561-XTS1870442 .182/.192
.035/.210
Flat
7/16"
.075
A
.437
Conical
561-XTS2500394 .240/.260
.075/.185
Flat
39/64"
.120
C
.388
Round
561-XTS2500561
.250
.07/.400
Round
.70"
.100
C
.542
Conical
561-XTS2500787
.250
.125/.687
Flat
1/2"
.067
B
.787
Blunt
561-XTS2501250
.250
.050/.875
Crowned
3/4"
.110
A
1.250
Conical
561-XTS2812020
.281
.810/1.580 Crowned
19/32"
.050
A
1.935
Conical
561-XTS3170660
.320
.120/.500
Binder
1/2"
.050
A
.655
Blunt
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Mouser
Stock No.
Panel
Thickness
Head
Style
Head
Dia
Head
Height
Prong
Style
Prong
Length
Point
Style
Hole
Size
SPECIFICATIONS
Material:
Black Nylon 6/6
Can be used in blind hole applications
Fast, easy installation with secure holding
Installation - As clip is pushed into
place the ribs deflect and then spring
back after they pass through hole.
Works effectively in prepared or blind
holes.


Similar Part No. - 561-XTS1870442

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 561-XTS1870442

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0310731072 MOLEX4-0310731072 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 6 Way Male Housing Assembly, Single-Row, PolarizationC, with Xmas Tree Attachment
0310721071 MOLEX4-0310721071 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 5 Way Male Housing Assembly, Single-Row, PolarizationB, with Xmas Tree Attachment
0310671070 MOLEX4-0310671070 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 3 Way Male Housing Assembly, Single-Row, PolarizationA, with Xmas Tree Attachment
0310721070 MOLEX4-0310721070 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 5 Way Male Housing Assembly, Single-Row, PolarizationA, with Xmas Tree Attachment
0310681072 MOLEX4-0310681072 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 4 Way Male Housing Assembly, Single-Row, PolarizationC, with Xmas Tree Attachment
0310731070 MOLEX4-0310731070 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 6 Way Male Housing Assembly, Single-Row, PolarizationA, with Xmas Tree Attachment
0310681070 MOLEX4-0310681070 Datasheet
423Kb / 4P
   2.54mm (.100") H-DAC 64?? 4 Way Male Housing Assembly, Single-Row, PolarizationA, with Xmas Tree Attachment
0310681071 MOLEX4-0310681071 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 4 Way Male Housing Assembly, Single-Row, PolarizationB, with Xmas Tree Attachment
0310671071 MOLEX4-0310671071 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 3 Way Male Housing Assembly, Single-Row, PolarizationB, with Xmas Tree Attachment
0310721072 MOLEX4-0310721072 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 5 Way Male Housing Assembly, Single-Row, PolarizationC, with Xmas Tree Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com