Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM15343S Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM15343S
Description  Ultra Low Quiescent Current Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15343S Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM15343S Datasheet HTML 4Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 5Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 6Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 7Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 8Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 9Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 10Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 11Page - Union Semiconductor, Inc. UM15343S Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2014
8/12
UM153xx/UM154xx
Typical Application Circuit
GND
VOUT
VIN
CIN
1
μF(Ceramic)
COUT
1
μF(Ceramic)
UM153xx
GND
VOUT
VIN
CIN
1
μF(Ceramic)
COUT
1
μF(Ceramic)
UM154xx
EN
off
on
Applications Information
Output Capacitance and Transient Response
The UM153xx/UM154xx series regulators are designed to be stable with a wide range of output
capacitors. The ESR of the output capacitor affects stability, most notably with small capacitors. A
minimum output capacitor of 1μF with an ESR of 0.3Ω or less is recommended to ensure stability.
The device’s output transient response will be a function of output capacitance. Larger values of
output capacitance decrease the peak deviations and provide improved transient response for
larger load current changes. Extra consideration must be given to the use of ceramic capacitors.
The X5R and X7R dielectrics result in more stable characteristics and are more suitable for use as
the output capacitor. The X7R type has better stability across temperature, while the X5R is less
expensive and is available in higher values.
Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately
+160°C allowing the device to cool. When the junction temperature cools to approximately
+140°C the output circuit is again enabled.


Similar Part No. - UM15343S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15343S UNIONSEMI-UM15343S Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15343S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com