Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM9560A Datasheet(PDF) 3 Page - Altera Corporation

Part # EPM9560A
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM9560A Datasheet(HTML) 3 Page - Altera Corporation

  EPM9560A Datasheet HTML 1Page - Altera Corporation EPM9560A Datasheet HTML 2Page - Altera Corporation EPM9560A Datasheet HTML 3Page - Altera Corporation EPM9560A Datasheet HTML 4Page - Altera Corporation EPM9560A Datasheet HTML 5Page - Altera Corporation EPM9560A Datasheet HTML 6Page - Altera Corporation EPM9560A Datasheet HTML 7Page - Altera Corporation EPM9560A Datasheet HTML 8Page - Altera Corporation EPM9560A Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Altera Corporation
3
MAX 9000 Programmable Logic Device Family Data Sheet
General
Description
The MAX 9000 family of in-system-programmable, high-density, high-
performance EPLDs is based on Altera’s third-generation MAX
architecture. Fabricated on an advanced CMOS technology, the EEPROM-
based MAX 9000 family provides 6,000 to 12,000 usable gates, pin-to-pin
delays as fast as 10 ns, and counter speeds of up to 144 MHz. The -10 speed
grade of the MAX 9000 family is compliant with the PCI Local Bus
Specification, Revision 2.2
. Table 3 shows the speed grades available for
MAX 9000 devices.
Table 4 shows the performance of MAX 9000 devices for typical functions.
Note:
(1)
Internal logic array block (LAB) performance is shown. Numbers in parentheses show external delays from row
input pin to row I/O pin.
The MAX 9000 architecture supports high-density integration of system-
level logic functions. It easily integrates multiple programmable logic
devices ranging from PALs, GALs, and 22V10s to field-programmable
gate array (FPGA) devices and EPLDs.
Table 3. MAX 9000 Speed Grade Availability
Device
Speed Grade
-10
-15
-20
EPM9320
vv
EPM9320A
v
EPM9400
vv
EPM9480
vv
EPM9560
vv
EPM9560A
v
Table 4. MAX 9000 Performance
Note (1)
Application
Macrocells Used
Speed Grade
Units
-10
-15
-20
16-bit loadable counter
16
144
118
100
MHz
16-bit up/down counter
16
144
118
100
MHz
16-bit prescaled counter
16
144
118
100
MHz
16-bit address decode
1
5.6 (10)
7.9 (15)
10 (20)
ns
16-to-1 multiplexer
1
7.7 (12.1)
10.9 (18)
16 (26)
ns


Similar Part No. - EPM9560A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM9560A ALTERA-EPM9560A Datasheet
564Kb / 46P
   Programmable Logic Device Family
EPM9560A ALTERA-EPM9560A Datasheet
564Kb / 46P
   Programmable Logic Device Family
EPM9560A ALTERA-EPM9560A Datasheet
564Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM9560A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com