Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBW1J220MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UBW1J220MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBW1J220MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UBW1J220MPD Datasheet HTML 1Page - Nichicon corporation UBW1J220MPD Datasheet HTML 2Page - Nichicon corporation UBW1J220MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
V(Code)
63 (1J)
80 (1K)
100 (2A)
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
8
× 11.5
8
× 11.5
10
× 12.5
10
×16
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 31.5
2.00
1.50
0.59
0.41
0.16
0.12
0.097
0.055
130
150
530
690
1050
1290
1460
1900
Cap..
(µF)
Code
Item
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
12.5
× 31.5
16
× 25
1.50
0.80
0.80
0.39
0.18
0.16
0.11
150
480
480
790
1240
1390
1500
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
2.00
1.50
0.80
0.80
0.55
0.25
0.11
0.079
130
150
480
480
630
990
1500
1790
Rated ripple current (mArms) at 135°C 100kHz
Impedance (
Ω) MAX. at 20°C 100kHz
BW
series
Frequency coefficient of rated ripple current
Frequency
CV
1000 > CV
1000
CV
120Hz
0.50
0.67
300Hz
0.64
0.79
1kHz
0.83
0.91
10kHz or more
1.00
1.00
Dimensions
V (Code)
10 (1A)
16 (1C)
25 (1E)
35 (1V)
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
100
220
330
470
1000
2200
3300
4700
101
221
331
471
102
222
332
472
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
0.26
0.15
0.10
0.057
0.033
0.024
0.020
340
620
680
1100
1750
2300
2710
Cap..
(µF)
Code
Item
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
0.32
0.15
0.10
0.075
0.042
0.024
0.020
340
620
680
945
1490
2300
2710
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 31.5
0.13
0.10
0.075
0.057
0.033
0.020
500
680
945
1100
1750
2710
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
0.15
0.094
0.075
0.058
0.031
620
790
950
1330
2010
50 (1H)
Case size
φD × L
(mm)
Impedance
(
Ω) MAX.
Rated
ripple
(mArms)
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
2.00
1.80
1.50
1.15
0.75
0.50
0.45
0.35
0.18
0.098
0.070
0.055
0.031
35
50
60
85
180
250
300
440
555
930
1330
1650
2430
CAT.8100C


Similar Part No. - UBW1J220MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBW1J221MPD NICHICON-UBW1J221MPD Datasheet
73Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBW1J222MPD NICHICON-UBW1J222MPD Datasheet
73Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBW1J220MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com