Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28330-DSH-002-A Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 28330-DSH-002-A
Description  DS3/E3 Framer with 52 Mbps HDLC Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

28330-DSH-002-A Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  28330-DSH-002-A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 28330-DSH-002-A Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
100441E
Conexant
Information provided by Conexant Systems, Inc. (Conexant) is believed to be accurate and reliable. However, no responsibility is
assumed by Conexant for its use, nor any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent rights of Conexant other than for circuitry embodied in Conexant
products. Conexant reserves the right to change circuitry at any time without notice. This document is subject to change without
notice.
Conexant products are not designed or intended for use in life support appliances, devices, or systems where malfunction of a
Conexant product can reasonably be expected to result in personal injury or death. Conexant customers using or selling Conexant
products for use in such applications do so at their own risk and agree to fully indemnify Conexant for any damages resulting from
such improper use or sale.
The trademarks “Conexant” and the Conexant symbol are trademarks of Conexant Systems, Inc.
Product names or services listed in this publication are for identification purposes only, and may be trademarks or registered
trademarks of their respective companies. All other marks mentioned herein are the property of their respective holders.
© 1999 Conexant Systems, Inc.
Printed in U.S.A.
All Rights Reserved
Reader Response: Conexant strives to produce quality documentation, and welcomes your feedback. Please send
comments and suggestions to conexant.tech.pubs@conexant.com. For technical questions, contact your local
Conexant sales office or field applications engineer.
Ordering Information
CN8330 Typical DS3 Application
Model Number
Package
Ambient Temperature
CN8330EPJD
68-Pin Plastic Leaded Chip Carrier (PLCC)
–40 to 85
° C
CN8330EPD
80-Pin Metric Quad Flat Pack (MQFP)
–40 to 85
° C
CN8331
CN8330
DS3/E3 Framer
TPOS1
TNEG1
TCLK1
RLINE1P
RLINE1N
TLINE1P
TLINE1N
RXDAT
RXCLK
RXMSY
RXPOS
RXNEG
DS3CKI
TXPOS
TXNEG
TCLKO
Receive
Serial
Data
Interface
31.6
31.6
0.01
37.4
37.4
RPOS1
RNEG1
RCLK1
RDAT[7:0]
RXBCK
TXBCK
TDAT[7:0]
8
Parallel
Data
Interface
(Also used
for HDLC
payload
data)
TDAT7
TDAT6
8
(M-Sync)
(Data)
(Clock)
Transmit
Serial
Data
Interface
8
AD[7:0]
RD*
WR*
CS
ALE
Microprocessor
Interface
TXCKI
MON/MIC*


Similar Part No. - 28330-DSH-002-A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
More results

Similar Description - 28330-DSH-002-A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com