Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC060330A650 Datasheet(PDF) 2 Page - AVX Corporation

Part # VC060330A650
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC060330A650 Datasheet(HTML) 2 Page - AVX Corporation

  VC060330A650 Datasheet HTML 1Page - AVX Corporation VC060330A650 Datasheet HTML 2Page - AVX Corporation VC060330A650 Datasheet HTML 3Page - AVX Corporation VC060330A650 Datasheet HTML 4Page - AVX Corporation VC060330A650 Datasheet HTML 5Page - AVX Corporation VC060330A650 Datasheet HTML 6Page - AVX Corporation VC060330A650 Datasheet HTML 7Page - AVX Corporation VC060330A650 Datasheet HTML 8Page - AVX Corporation VC060330A650 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Important: For part number identification only, not for
construction of part numbers.
The information below only defines the numerical value of part number
digits, and cannot be used to construct a desired set of electrical limits.
Please refer to the TransGuard® part number data for the correct electri-
cal ratings.
Important: For part number identification only, not for
construction of part numbers.
The information below only defines the numerical value of part number
digits, and cannot be used to construct a desired set of electrical limits.
Please refer to the TransGuard® part number data for the correct electri-
cal ratings.
V C 1206 05 D 150 R P
TERMINATION FINISH:
P = Ni/Sn Alloy (Plated)
PACKAGING (Pcs/Reel):
STYLE
“D”
“R”
“T”
“W”
VC0402
N/A
N/A
N/A
10,000
VC0603 1,000
4,000 10,000
N/A
VC0805 1,000
4,000 10,000
N/A
VC1206 1,000
4,000 10,000
N/A
VC1210 1,000
2,000 10,000
N/A
CLAMPING VOLTAGE:
Where:
100 = 12V
500 = 50V
150 = 18V
560 = 60V
200 = 22V
580 = 60V
250 = 27V
620 = 67V
300 = 32V
650 = 67V
390 = 42V
101 = 100V
400 = 42V
121 = 120V
ENERGY:
Where:
A = 0.1J
J = 1.5J
S = 1.9-2.0J
B = 0.2J
K = 0.6J
T = 0.01J
C = 0.3J
L = 0.8J
U = 4.0-5.0J
D = 0.4J
M = 1.0J
V = 0.02J
E = 0.5J
N = 1.1J
W = 6.0J
F = 0.7J
P = 3.0J
X = 0.05J
G = 0.9J
Q = 1.3J
Y = 12.0J
H = 1.2J
R = 1.7J
Z = 25.0J
WORKING VOLTAGE:
Where:
03 =
3.3 VDC
18 = 18.0 VDC
05 =
5.6 VDC
26 = 26.0 VDC
09 =
9.0 VDC
30 = 30.0 VDC
12 = 12.0 VDC
48 = 48.0 VDC
14 = 14.0 VDC
60 = 60.0 VDC
85 = 85.0 VDC
CASE SIZE DESIGNATOR:
SIZE
LENGTH
WIDTH
0402 1.00±0.10mm (0.040"±0.004")
0.5±0.10mm (0.020"±0.004")
0603 1.60±0.15mm (0.063"±0.006")
0.8±0.15mm (0.032"±0.006")
0805 2.01±0.2mm
(0.079"±0.008")
1.25±0.2mm (0.049"±0.008")
1206 3.20±0.2mm
(0.126"±0.008")
1.60±0.2mm (0.063"±0.008")
1210 3.20±0.2mm
(0.126"±0.008")
2.49±0.2mm (0.098"±0.008")
CASE STYLE:
C = Chip
G = Chip Glass Encapsulated
PRODUCT DESIGNATOR:
V = Varistor
MARKING:
All standard surface mount TransGuard® chips will not be marked.
V A 1000 05 D 150 R L
LEAD FINISH:
Copper clad steel, solder coated
PACKAGING (Pcs/Reel):
STYLE
“D”
“R”
“T”
VA1000
1,000
3,000
7,500
VA2000
1,000
2,500
5,000
CLAMPING VOLTAGE:
Where: 100 = 12V
580 = 60V
150 = 18V
650 = 67V
300 = 32V
101 = 100V
400 = 42V
121 = 120V
ENERGY:
Where:
A = 0.1J
D = 0.4J
K = 2.0J
WORKING VOLTAGE:
Where: 03 = 3.3 VDC
26 = 26.0 VDC
05 = 5.6 VDC
30 = 30.0 VDC
14 = 14.0 VDC 48 = 48.0 VDC
18 = 18.0 VDC 60 = 60.0 VDC
CASE SIZE DESIGNATOR:
SIZE
LENGTH
DIAMETER
1000 4.32mm (0.170") 2.54mm (0.100")
2000 4.83mm (0.190") 3.56mm (0.140")
CASE STYLE:
A = Axial
PRODUCT DESIGNATOR:
V = Varistor
MARKING:
All axial TransGuards® are marked with vendor identification, product
identification, voltage/energy rating code and date code (see example below):
Where:
AVX = Always AVX (Vendor Identification)
TVS = Always TVS (Product Identification
- Transient Voltage Suppressor)
05D = Working VDC and Energy Rating (Joules)
Where: 05 = 5.6 VDC, D = 0.4J
725 = Three Digit Date Code
Where: 8 = Last digit of year (2008)
25 = Week of year
AVX
TVS
05D
825
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
PART NUMBER IDENTIFICATION
Surface Mount Devices
Axial Leaded Devices
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - VC060330A650

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC060330A650 AVX-VC060330A650 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
105Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC060330A650

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com