Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM14239S Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM14239S
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14239S Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM14239S Datasheet HTML 1Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 2Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 3Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 4Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 5Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 6Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 7Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 8Page - Union Semiconductor, Inc. UM14239S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Dec.2013
4 / 10
UM142xx
Marking Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM14225B
2.5V
SOT89-3
4CA
1000pcs/7Inch
Tape & Reel
UM14226B
2.6V
4CB
UM14227B
2.7V
4CC
UM14228B
2.8V
4CD
UM14229B
2.9V
4CE
UM14230B
3.0V
4CF
UM14231B
3.1V
4CH
UM14232B
3.2V
4CL
UM14233B
3.3V
4CM
UM14234B
3.4V
4CJ
UM14235B
3.5V
4CK
UM14236B
3.6V
4CN
UM14237B
3.7V
4CP
UM14238B
3.8V
4CQ
UM14239B
3.9V
4CR
UM14240B
4.0V
4CS
UM14241B
4.1V
4CT
UM14242B
4.2V
4CY
UM14243B
4.3V
4CU
UM14244B
4.4V
4CZ
UM14245B
4.5V
4DA
UM14246B
4.6V
4DB
UM14247B
4.7V
4DC
UM14248B
4.8V
4DD
UM14249B
4.9V
4DE
UM14250B
5.0V
4DF


Similar Part No. - UM14239S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14239S UNIONSEMI-UM14239S Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14239S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com