Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM7222 Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM7222
Description  High-Speed USB2.0 (480 Mbps) DPDT Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM7222 Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM7222 Datasheet HTML 2Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 3Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 4Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 5Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 6Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 7Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 8Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 9Page - Union Semiconductor, Inc. UM7222 Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Sep.2013
8/10
UM7222/7222A
Package Information
UM7222 QFN10 1.8×1.4
Outline Drawing
DIMENSIONS
Symbol
MILLIMETERS
MIN
TYP
MAX
A
0.50
0.55
0.60
A1
0.00
-
0.05
A3
0.15REF
D
1.35
1.40
1.45
E
1.75
1.80
1.85
b
0.15
0.20
0.25
L
0.30
0.40
0.50
L1
0.40
0.50
0.60
e
0.40BSC
Land Pattern
NOTES:
1. Compound dimension: 1.40×1.80;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM7222

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
273Kb / 12P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
UM7222A UNIONSEMI-UM7222A Datasheet
273Kb / 12P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
More results

Similar Description - UM7222

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
   HIGH-SPEED USB2.0 DPDT SWITCH
logo
Vishay Siliconix
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 05-Sep-11
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
08-Feb-17
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. B, 13-Oct-08
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2722 VISHAY-DG2722_11 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. D, 18-Jul-11
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com