Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIH6120-021-001S Datasheet(PDF) 7 Page - Honeywell Accelerometers

Part # HIH6120-021-001S
Description  Honeywell HumidIcon??Digital Humidity/Temperature Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HIH6120-021-001S Datasheet(HTML) 7 Page - Honeywell Accelerometers

Back Button HIH6120-021-001S Datasheet HTML 3Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 4Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 5Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 6Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 7Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 8Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 9Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 10Page - Honeywell Accelerometers HIH6120-021-001S Datasheet HTML 11Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
sensing.honeywell.com
Honeywell HumidIconDigital Humidity/Temperature Sensors
table 1. environmental Specifications
characteristic
condition
min.
typ.
max.
unit
Operatingtemperaturerange
-25[-13]
85[185]
°C[°F]
Storage temperature range
-40[-40]
85[185]
°C[°F]
Storage humidity
30
50
%RH
Solderingtemperature:
automated
manual
IPC/EIA/JEDECJ-STD-020D
applyheatfor4smax.formanualsoldering
260[500]
350[662]
°C[°F]
ESD
MIL-STD883H,Method3015.7
±4
kV
Latch-upimmunity
±100
mA
Shock
MIL-STD202G,Method213D,TestConditionC,
half-sine,6ms±3perpendicularaxis,3shockpulses
per axis
100
g
Vibration
MIL-STD202G,Method204D,TestConditionD,
10Hzto2000Hz
20
g
Lightsensitivity
exposedto50lumensyellowlight;exhibitednochangeinoutput
table 2. Humidity performance Specifications
characteristic
condition
min.
typ.
max.
unit
Supply voltage variation
2.3Vdcto5.5Vdc
0.1
0.5
%RH
Compensated humidity range1
10
90
%RH
Compensated temp. range1
5[41]
50[122]
°C[°F]
Resolution
14bitADCresolution
0.04
%RH
Accuracy2
±4
%RH
Total error band3
±5
%RH
Response time
airflow minimum 20 l/min
6
8
s
Operatingrange
non-condensing
0
100
%RH
Longtermstability
50%RHfor5years
±0.05
±1.2
%RH
Impact of soldering
IPC/EIA/JEDECJ-STD-020D,peaktemp.
of260°C[500°F]
±2.5
%RH
Notes:
1
ConversionFormulas:
14bitADCoutputforhumidityto%RH:
14bitADCoutputfortemperatureconversionto°C:
Humidity(%RH) =Humidity_14_bit_ADC_output
x 100
214 – 2
Temperature(C°) = Temperature_14_bit_ADC_outputx165–40
214 – 2
2
Accuracyisspecifiedatthetypicalsupplyvoltageof3.3Vdcandat25°C[77°F].Itisthemaximumdeviationfromtheidealtransferfunctionof
relativehumiditymeasuredoverthehumidityrangeof10%RHto90%RHandincludesallerrorsduetohumiditynon-linearity,humidityhysteresis
and humidity non-repeatability.
3
Totalerrorbandisthemaximumdeviationfromtheidealtransferfunctionofrelativehumidityoverthecompensatedrangeof5°C[41°F]to
50°C[122°F].Itincludesallerrorsduetohumiditynon-linearity,humidityhysteresis,humiditynon-repeatability,thermaleffectonzero,thermal
effect on span and thermal hysteresis.


Similar Part No. - HIH6120-021-001S

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH6120-021-001S HONEYWELL-HIH6120-021-001S Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
More results

Similar Description - HIH6120-021-001S

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH-6130 HONEYWELL-HIH-6130 Datasheet
490Kb / 8P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
HIH6100 HONEYWELL-HIH6100 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Accelerometer...
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
logo
Honeywell Solid State E...
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
Texas Instruments
HDC2010 TI1-HDC2010 Datasheet
683Kb / 34P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensors
logo
IDEC Corporation
ABW-100-B IDEC-ABW-100-B Datasheet
3Mb / 41P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
   Digital relative humidity & temperature sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com