Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM5052DA Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM5052DA
Description  Single Line Bi-directional ESD Protection Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM5052DA Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM5052DA Datasheet HTML 1Page - Union Semiconductor, Inc. UM5052DA Datasheet HTML 2Page - Union Semiconductor, Inc. UM5052DA Datasheet HTML 3Page - Union Semiconductor, Inc. UM5052DA Datasheet HTML 4Page - Union Semiconductor, Inc. UM5052DA Datasheet HTML 5Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Dec.2012
4/5
UM5052DA
Package Information
UM5052DA DFN2 0.6×0.3
Outline Drawing
DIMENSIONS
MILLIMETERS
Symbol
Min
Typ
Max
A
0.595
0.620
0.645
B
0.295
0.320
0.345
C
0.245
0.275
0.305
D
0.145
0.150
0.155
E
0.245
0.250
0.255
F
0.245
0.250
0.255
G
0.005
0.010
0.015
Land Pattern
NOTES:
1. Compound dimension: 0.6×0.3;
2. Unit: mm;
3. General tolerance±0.025mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM5052DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5052DA UNIONSEMI-UM5052DA_16 Datasheet
154Kb / 5P
   Single Line Bi-directional ESD Protection Diode Array
More results

Similar Description - UM5052DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5052DA UNIONSEMI-UM5052DA_16 Datasheet
154Kb / 5P
   Single Line Bi-directional ESD Protection Diode Array
logo
Taiwan Semiconductor Co...
TESDF5V0A TSC-TESDF5V0A Datasheet
174Kb / 4P
   Bi-Directional ESD Protection Array
TESDT5V0A TSC-TESDT5V0A_15 Datasheet
266Kb / 5P
   Bi-directional ESD Protection Array
TESDT5V0A TSC-TESDT5V0A Datasheet
203Kb / 4P
   Bi-directional ESD Protection Array
logo
Applied Power Microelec...
AU3321P1 APMICRO-AU3321P1 Datasheet
1Mb / 4P
   1-Line Bi-directional 3.3V ESD Protection Diode
AU2521P0 APMICRO-AU2521P0 Datasheet
688Kb / 4P
   1-Line Bi-directional 2.5V ESD Protection Diode
AU2521P1 APMICRO-AU2521P1 Datasheet
643Kb / 4P
   1-Line Bi-directional 2.5V ESD Protection Diode
logo
Pan Jit International I...
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
   Bi-directional ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com