Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2-H-6004-M Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USB2-H-6004-M
Description  USB2-H-600X-M FAMILY Hi-Speed USB to Multi-Ports RS422 Adapter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB2-H-6004-M Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button USB2-H-6004-M Datasheet HTML 2Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 3Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 4Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 5Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 6Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 7Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 8Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 9Page - List of Unclassifed Manufacturers USB2-H-6004-M Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Document Reference No.: ES_000058
USB2-H-600X-M FAMILY Hi-Speed USB to Multi-Ports RS422 Adapter Data Sheet
Version 1.0
Clearance No.: ES
#44
©2012 EasySYNC Ltd.
6
Figure 1.3 - USB2-H-6004/6008/6016-M
The module uses a standard USB B device connector for connection to an upstream host or hub port.
RS422-level signals, including modem handshake signals, are available on an industry-standard DE-9P
connector. The Singal and Dual port module also provide 5mm terminal block connector, customer can
use these signals friendly. The maximum RS422-level data rate are 8Mbps for each ports. .


Similar Part No. - USB2-H-6004-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-H-6004 ETC2-USB2-H-6004 Datasheet
868Kb / 26P
   USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter
More results

Similar Description - USB2-H-6004-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-H-1016-M ETC2-USB2-H-1016-M Datasheet
1Mb / 38P
   USB2-H-100X-M FAMILY Hi-Speed USB to Multi-Ports RS232 Adapter
USB2-H-5016-M ETC2-USB2-H-5016-M Datasheet
1Mb / 46P
   USB2-H-500X-M FAMILY Hi-Speed USB to Multi-Ports RS485 Adapter
USB2-H-6004 ETC2-USB2-H-6004 Datasheet
868Kb / 26P
   USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter
USB2-H-6002 ETC2-USB2-H-6002 Datasheet
798Kb / 28P
   USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
USB2-H-1004 ETC2-USB2-H-1004 Datasheet
624Kb / 25P
   USB2-H-1004 Hi-Speed USB to 4-Port RS232 Adapter
USB2-H-9002-M ETC2-USB2-H-9002-M Datasheet
764Kb / 31P
   USB2-H-9002-M Hi-Speed USB to 2-Port RS232/RS485 Adapter
USB2-H-9004-M ETC2-USB2-H-9004-M Datasheet
745Kb / 34P
   USB2-H-9004-M Hi-Speed USB to 4-Port RS232/RS485 Adapter
USB2-H-5002 ETC2-USB2-H-5002 Datasheet
847Kb / 30P
   USB2-H-5002 Hi-Speed USB to 2-Port RS485 Adapter
USB2-H-5004 ETC2-USB2-H-5004 Datasheet
935Kb / 28P
   USB2-H-5004 Hi-Speed USB to 4-Port RS485 Adapter
USB2-F-1001 ETC2-USB2-F-1001 Datasheet
3Mb / 28P
   USB2-F-1001 Full-Speed USB to 1-Port RS232 Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com