Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2-H-6001-M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB2-H-6001-M
Description  USB2-H-600X-M FAMILY Hi-Speed USB to Multi-Ports RS422 Adapter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB2-H-6001-M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB2-H-6001-M Datasheet HTML 1Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 2Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 3Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 4Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 5Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 6Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 7Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 8Page - List of Unclassifed Manufacturers USB2-H-6001-M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
EasySYNC Ltd
Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow, G41 1HH, United Kingdom
Tel.: +44 (0) 141 418 0181
Fax: + 44 (0) 141 418 0110
E-Mail (Support): support@easysync-ltd.com Web: http://www.easysync-ltd.com/product-downloads
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. EasySYNC Ltd will
not accept any claim for damages howsoever arising as a result of use or failure of this product. Your statutory rights are not affected.
This product or any variant of it is not intended for use in any medical appliance, device or system in which the failure of the product
might reasonably be expected to result in personal injury. This document provides preliminary information that may be subject to
change without notice. No freedom to use patents or other intellectual property rights is implied by the publication of this document.
EasySYNC Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow, G41 1HH, United Kingdom. Scotland Registered Number:
SC224924
Copyright © 2012 EasySYNC Limited
The USB2-H-600X-M provides a simple method of adapting legacy serial devices with RS422
interfaces to modern USB ports by incorporating the FTDI’s Hi-Speed USB bridge chips.
The adaptor which is contained within a metal enclosure is either USB powered or externally powered
(depends on the number of ports) and can supply an output of +5VDC @ up to 80mA on the 5mm
terminal block connectors or 30mA on the Pin 9 of DB9 connectors. Indicator LEDs provide functional
status.
The USB2-H-600X-M family have been tested to be compliant with both FCC Part 15 Subpart B and
European EMC Directive.
had
EasySYNC Ltd
USB2-H-600X-M FAMILY Hi-Speed USB to
Multi-Ports RS422 Adapter
Data Sheet
Document Reference No.: ES_000058
Version 1.0
Issue Date: 2012-01-19
Part Number
USB2-H-6016-M USB2-H-6008-M
USB2-H-6004-M USB2-H-6002-M USB2-H-6001-M


Similar Part No. - USB2-H-6001-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-H-6002 ETC2-USB2-H-6002 Datasheet
798Kb / 28P
   USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
USB2-H-6004 ETC2-USB2-H-6004 Datasheet
868Kb / 26P
   USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter
More results

Similar Description - USB2-H-6001-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-H-1016-M ETC2-USB2-H-1016-M Datasheet
1Mb / 38P
   USB2-H-100X-M FAMILY Hi-Speed USB to Multi-Ports RS232 Adapter
USB2-H-5016-M ETC2-USB2-H-5016-M Datasheet
1Mb / 46P
   USB2-H-500X-M FAMILY Hi-Speed USB to Multi-Ports RS485 Adapter
USB2-H-6004 ETC2-USB2-H-6004 Datasheet
868Kb / 26P
   USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter
USB2-H-6002 ETC2-USB2-H-6002 Datasheet
798Kb / 28P
   USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
USB2-H-1004 ETC2-USB2-H-1004 Datasheet
624Kb / 25P
   USB2-H-1004 Hi-Speed USB to 4-Port RS232 Adapter
USB2-H-9002-M ETC2-USB2-H-9002-M Datasheet
764Kb / 31P
   USB2-H-9002-M Hi-Speed USB to 2-Port RS232/RS485 Adapter
USB2-H-9004-M ETC2-USB2-H-9004-M Datasheet
745Kb / 34P
   USB2-H-9004-M Hi-Speed USB to 4-Port RS232/RS485 Adapter
USB2-H-5002 ETC2-USB2-H-5002 Datasheet
847Kb / 30P
   USB2-H-5002 Hi-Speed USB to 2-Port RS485 Adapter
USB2-H-5004 ETC2-USB2-H-5004 Datasheet
935Kb / 28P
   USB2-H-5004 Hi-Speed USB to 4-Port RS485 Adapter
USB2-F-1001 ETC2-USB2-F-1001 Datasheet
3Mb / 28P
   USB2-F-1001 Full-Speed USB to 1-Port RS232 Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com