Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM14250B Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM14250B
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14250B Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM14250B Datasheet HTML 1Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 2Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 3Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 4Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 5Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 6Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 7Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 8Page - Union Semiconductor, Inc. UM14250B Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.05 Dec.2013
3 / 10
UM142xx
Marking Information
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM14225S
2.5V
SOT23-3
55A
3000pcs/7Inch
Tape & Reel
UM14226S
2.6V
55B
UM14227S
2.7V
55C
UM14228S
2.8V
55D
UM14229S
2.9V
55E
UM14230S
3.0V
55F
UM14231S
3.1V
55H
UM14232S
3.2V
55L
UM14233S
3.3V
55M
UM14234S
3.4V
55J
UM14235S
3.5V
55K
UM14236S
3.6V
55N
UM14237S
3.7V
55P
UM14238S
3.8V
55Q
UM14239S
3.9V
55R
UM14240S
4.0V
55S
UM14241S
4.1V
55T
UM14242S
4.2V
55Y
UM14243S
4.3V
55U
UM14244S
4.4V
55Z
UM14245S
4.5V
56A
UM14246S
4.6V
56B
UM14247S
4.7V
56C
UM14248S
4.8V
56D
UM14249S
4.9V
56E
UM14250S
5.0V
53F
UM14225Y
2.5V
SOT89-3
4AA
1000pcs/7Inch
Tape & Reel
UM14226Y
2.6V
4AB
UM14227Y
2.7V
4AC
UM14228Y
2.8V
4AD
UM14229Y
2.9V
4AE
UM14230Y
3.0V
4AF
UM14231Y
3.1V
4AH
UM14232Y
3.2V
4AL
UM14233Y
3.3V
4AM
UM14234Y
3.4V
4AJ
UM14235Y
3.5V
4AK
UM14236Y
3.6V
4AN
UM14237Y
3.7V
4AP
UM14238Y
3.8V
4AQ
UM14239Y
3.9V
4AR
UM14240Y
4.0V
4AS
UM14241Y
4.1V
4AT
UM14242Y
4.2V
4AY
UM14243Y
4.3V
4AU
UM14244Y
4.4V
4AZ
UM14245Y
4.5V
4BA
UM14246Y
4.6V
4BB
UM14247Y
4.7V
4BC
UM14248Y
4.8V
4BD
UM14249Y
4.9V
4BE
UM14250Y
5.0V
4BF


Similar Part No. - UM14250B

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14250B UNIONSEMI-UM14250B Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14250B

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com