Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM4258Q Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM4258Q
Description  4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4258Q Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM4258Q Datasheet HTML 3Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 4Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 5Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 6Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 7Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 8Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 9Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 10Page - Union Semiconductor, Inc. UM4258Q Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Sep.2013
7/14
UM4258Q
Typical Operating Characteristics
0.00.5 1.01.5 2.02.5 3.03.5 4.0 4.5 5.0
0
1
2
3
4
5
6
7
8
9
10
On Resistance vs. COM_ Voltage
V+=5V
V+=4.2V
V+=3V
V+=2.5V
V+=1.8V
V
COM-
(V)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
1
2
3
4
5
6
7
8
9
10
HIGH R
ON SWITCH
On Resistance vs. COM_ Voltage
V+=5V
V+=4.2V
V+=3V
V+=2.5V
V+=1.8V
V
COM-
(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
V+=3V
T
A=+85
0C
T
A=-40
0C
LOW R
ON SWITCH
On Resistance vs. COM_ Voltage
V
COM-
(V)
T
A=+25
0C
0.00.5
1.01.5
2.02.5
3.0
0
1
2
3
4
5
6
V+=3V
T
A=+85
0C
T
A=-40
0C
HIGH R
ON SWITCH
On Resistance vs. COM_ Voltage
V
COM-
(V)
T
A=+25
0C
0123
45
0
1
2
3
4
5
6
V+=5V
T
A=+85
0C
T
A=-40
0C
LOW R
ON SWITCH
On Resistance vs. COM_ Voltage
V
COM-
(V)
T
A=+25
0C
01
23
4
5
0
1
2
3
4
5
6
V+=5V
T
A=+85
0C
T
A=-40
0C
HIGH R
ON SWITCH
On Resistance vs. COM_ Voltage
V
COM-
(V)
T
A=+25
0C


Similar Part No. - UM4258Q

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
More results

Similar Description - UM4258Q

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4719 MAXIM-MAX4719 Datasheet
282Kb / 11P
   300MHz Bandwidth, Dual SPDT Analog Switch in UCSP
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com