Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3730DA-10 Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM3730DA-10
Description  150mA, Micropower, Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3730DA-10 Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM3730DA-10 Datasheet HTML 1Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3730DA-10 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2014
3/11
UM3730
Naming Information
UM3730
Package Type
DA: DFN4 1.0×1.0
P: SOT353
Output Voltage
10: 1.0V
11: 1.1V
12: 1.2V
……
33: 3.3V
Available Voltage Version
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM3730DA-10
1.0V
DFN4 1.0×1.0
JA
3000pcs/7Inch
Tape & Reel
UM3730DA-11
1.1V
JB
UM3730DA-12
1.2V
J2
UM3730DA-13
1.3V
J3
UM3730DA-14
1.4V
J4
UM3730DA-15
1.5V
J5
UM3730DA-16
1.6V
J6
UM3730DA-17
1.7V
J7
UM3730DA-18
1.8V
J8
UM3730DA-19
1.9V
J9
UM3730DA-20
2.0V
JC
UM3730DA-21
2.1V
KB
UM3730DA-22
2.2V
K2
UM3730DA-23
2.3V
K3
UM3730DA-24
2.4V
K4
UM3730DA-25
2.5V
K5
UM3730DA-26
2.6V
K6
UM3730DA-27
2.7V
K7
UM3730DA-28
2.8V
K8
UM3730DA-29
2.9V
K9
UM3730DA-30
3.0V
KC
UM3730DA-31
3.1V
NB
UM3730DA-32
3.2V
N2
UM3730DA-33
3.3V
N3


Similar Part No. - UM3730DA-10

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730DA-10 UNIONSEMI-UM3730DA-10 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results

Similar Description - UM3730DA-10

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Semtech Corporation
SC11222CSK.TR SEMTECH-SC11222CSK.TR Datasheet
140Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com