Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3730DA-13 Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM3730DA-13
Description  150mA, Micropower, Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3730DA-13 Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM3730DA-13 Datasheet HTML 1Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3730DA-13 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2014
5/11
UM3730
Electrical Characteristics
VIN=VEN=VOUT+1V, CIN=COUT=1μF, TA=25℃.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
Range
2.5
5.5
V
VOUT
Output Voltage
Range
1.0
3.3
V
IQ
Operating
Quiescent Current
IOUT=0mA
29
39
μA
IEN
Enable Input
Current
VEN=VIN or GND
1
μA
IOUT
Output Current
150
mA
Output Voltage
Accuracy
IOUT=150mA
-2.0
+2.0
%
ΔV
DO
Dropout Voltage
IOUT=50mA,VOUT≥2.8V
55
110
mV
IOUT=150mA,VOUT≥2.8V
155
310
mV
IOUT=50mA,VOUT <2.8V
60
135
mV
IOUT=150mA, VOUT <2.8V
180
380
mV
ILIMT
Output Current
Limit
VOUT =0V
200
325
500
mA
t
Startup Time
Response
IOUT=150mA, COUT=1μF
30
μs
VIL
Enable Input Low
Voltage
VIN=2.5V to5.5V
0.4
V
VIH
Enable Input High
Voltage
VIN=2.5V to5.5V
1.2
V
Output Voltage TC
100
ppm/℃
TSHDN
Thermal-Shutdown
Temperature
160
ΔT
SHDN
Thermal-Shutdown
Hysteresis
20
LNR
Line Regulation
VOUT+1V≤VIN≤5.5V
(VIN≥2.5V)
IOUT=10mA
0.1
0.3
%/V
LDR
Load Regulation
VIN=VOUT+1V (VIN≥2.5V)
1mA≤IOUT≤150mA
0.8
1.5
%
Output Voltage
Noise
VOUT=1.8V,
10Hz to 100kHz
CIN=1μF, IOUT=100mA
220
μV
RMS
PSRR
Power Supply
Ripple Rejection
VIN=VOUT+1V
(VIN≥2.5V)
IOUT=100mA
F=1kHz
45
dB
F=10kHz
30
Auto-Discharge
Resistance
VIN=3.6V,
VEN=0V
10


Similar Part No. - UM3730DA-13

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730DA-13 UNIONSEMI-UM3730DA-13 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results

Similar Description - UM3730DA-13

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Semtech Corporation
SC11222CSK.TR SEMTECH-SC11222CSK.TR Datasheet
140Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com