Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP5050FDER3R3M01 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IHLP5050FDER3R3M01
Description  Low Profile, High Current IHLP® Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP5050FDER3R3M01 Datasheet(HTML) 4 Page - Vishay Siliconix

  IHLP5050FDER3R3M01 Datasheet HTML 1Page - Vishay Siliconix IHLP5050FDER3R3M01 Datasheet HTML 2Page - Vishay Siliconix IHLP5050FDER3R3M01 Datasheet HTML 3Page - Vishay Siliconix IHLP5050FDER3R3M01 Datasheet HTML 4Page - Vishay Siliconix IHLP5050FDER3R3M01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34123
4
Revision: 25-Feb-11
IHLP-5050FD-01
Vishay Dale
Low Profile, High Current IHLP® Inductors
PERFORMANCE GRAPHS
5.0
40
100
20
60
80
0
0
5
4.0
3.0
2.0
4.5
3.5
2.5
1.5
10
1.0
0.5
0
15
20
25
30
IHLP-5050FD-01 4.7 µH
ΔT °C
L
DC CURRENT (A)
40
100
20
60
1
80
0
0
20
10
5
L
25
15
6
5
4
3
2
0
IHLP-5050FD-01 5.6 µH
ΔT °C
DC CURRENT (A)
40
100
20
60
1.000
80
0
0
14
10
8
L
16
12
6.000
5.000
4.000
3.000
2.000
0.000
6
7.000
8.000
4
2
IHLP-5050FD-01 6.8 µH
ΔT °C
DC CURRENT (A)
40
100
20
60
80
0
8
0
L
9
2
4
8
7
6
5
4
3
2
1
0
10
14
6
12
16
IHLP-5050FD-01 8.2 µH
ΔT °C
DC CURRENT (A)
40
100
20
60
2
80
0
0
14
8
10
L
16
12
12
10
8
6
4
0
6
4
2
IHLP-5050FD-01 10 µH
ΔT °C
DC CURRENT (A)


Similar Part No. - IHLP5050FDER3R3M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP5050FDER3R3M5A VISHAY-IHLP5050FDER3R3M5A Datasheet
359Kb / 7P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Jan-13
More results

Similar Description - IHLP5050FDER3R3M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP6767GZER220M11 VISHAY-IHLP6767GZER220M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 30-Aug-10
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com