Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMC1812ER4R7K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IMC1812ER4R7K
Description  Wirewound, Surface Mount, Molded Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMC1812ER4R7K Datasheet(HTML) 1 Page - Vishay Siliconix

  IMC1812ER4R7K Datasheet HTML 1Page - Vishay Siliconix IMC1812ER4R7K Datasheet HTML 2Page - Vishay Siliconix IMC1812ER4R7K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34044
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 23-Feb-11
1
Wirewound, Surface Mount, Molded Inductors
IMC-1812
Vishay Dale
Note
(1) Rated DC current based on the maximum temperature rise, not
to exceed 40 °C at + 85 °C ambient
FEATURES
• Molded construction provides superior strength
and moisture resistance
• Tape
and
reel
packaging
for
automatic
handling, 2000/reel, EIA-481
• Printed marking
• Compatible with vapor phase and infrared reflow
soldering
• Compliant to RoHS Directive 2002/95/EC
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.010 μH to 1000 μH
Inductance Tolerance: ± 20 % for 0.010 μH to 0.39 μH
± 10 % for 0.47 μH to 1000 μH standard
± 10 %, ± 5 %, ± 3 % available
Operating Temperature: - 55 °C to + 125 °C
Coilform Material: Non-magnetic for 0.010 μH to 0.82 μH
Powdered iron for 1.0 μH to 120 μH
Ferrite for 150 μH to 1000 μH
TEST EQUIPMENT
• H/P 4342A Q meter with Vishay Dale test fixture or
equivalent
• H/P
4191A
RF
impedance
analyzer
(for
SRF
measurements)
• Wheatstone bridge
Note
(2) Recommended minimum spacing between components
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(μH)
TOL.
TEST FREQ.
(MHz)
Q
MIN.
SRF
MIN.
(MHz)
DCR
MAX.
(
)
RATED DC
CURRENT
(mA) (1)
L & Q
0.010
± 20 %
50.0
50
1000
0.20
450
0.012
± 20 %
50.0
50
1000
0.20
450
0.018
± 20 %
50.0
50
1000
0.20
450
0.022
± 20 %
50.0
50
1000
0.20
450
0.027
± 20 %
50.0
50
1000
0.20
450
0.033
± 20 %
50.0
50
1000
0.30
450
0.039
± 20 %
50.0
50
1000
0.30
450
0.047
± 20 %
50.0
50
1000
0.30
450
0.056
± 20 %
50.0
40
900
0.35
450
0.068
± 20 %
50.0
40
800
0.35
450
0.082
± 20 %
50.0
40
700
0.40
450
0.10
± 20 %
25.2
30
650
0.32
450
0.12
± 20 %
25.2
30
600
0.30
450
0.15
± 20 %
25.2
30
500
0.30
450
0.18
± 20 %
25.2
30
400
0.35
450
0.22
± 20 %
25.2
30
350
0.40
450
0.27
± 20 %
25.2
30
300
0.45
450
0.33
± 20 %
25.2
30
250
0.55
430
0.39
± 20 %
25.2
30
220
0.70
380
0.47
± 10 %
25.2
30
190
0.80
355
0.56
± 10 %
25.2
30
170
1.20
285
0.68
± 10 %
25.2
30
150
1.40
270
0.82
± 10 %
25.2
30
140
1.60
250
1.0
± 10 %
7.96
50
100
0.50
450
1.2
± 10 %
7.96
50
80.0
0.55
430
1.5
± 10 %
7.96
50
70.0
0.60
410
1.8
± 10 %
7.96
50
60.0
0.65
390
2.2
± 10 %
7.96
50
55.0
0.70
380
2.7
± 10 %
7.96
50
50.0
0.75
370
3.3
± 10 %
7.96
50
45.0
0.80
355
3.9
± 10 %
7.96
50
40.0
0.90
330
4.7
± 10 %
7.96
50
35.0
1.00
315
5.6
± 10 %
7.96
50
33.0
1.10
300
6.8
± 10 %
7.96
50
27.0
1.20
285
8.2
± 10 %
7.96
50
25.0
1.40
270
10.0
± 10 %
2.52
50
20.0
1.60
250
12.0
± 10 %
2.52
50
18.0
2.00
225
15.0
± 10 %
2.52
50
17.0
2.50
200
18.0
± 10 %
2.52
50
15.0
2.80
190
22.0
± 10 %
2.52
50
13.0
3.20
180
27.0
± 10 %
2.52
50
12.0
3.60
170
33.0
± 10 %
2.52
50
11.0
4.00
160
39.0
± 10 %
2.52
50
11.0
4.50
150
47.0
± 10 %
2.52
50
10.0
5.00
140
56.0
± 10 %
2.52
50
9.0
5.50
135
68.0
± 10 %
2.52
50
9.0
6.00
130
82.0
± 10 %
2.52
50
8.0
7.00
120
100.0
± 10 %
0.79
40
8.0
8.00
110
120.0
± 10 %
0.79
40
6.0
8.00
110
150.0
± 10 %
0.79
40
5.0
9.00
105
180.0
± 10 %
0.79
40
5.0
9.50
102
220.0
± 10 %
0.79
40
4.0
10.0
100
270.0
± 10 %
0.79
40
4.0
12.0
92
330.0
± 10 %
0.79
40
3.5
14.0
85
390.0
± 10 %
0.79
40
3.0
16.0
80
470.0
± 10 %
0.79
40
3.0
26.0
62
560.0
± 10 %
0.79
30
3.0
30.0
50
680.0
± 10 %
0.79
30
3.0
30.0
50
820.0
± 10 %
0.79
30
2.5
35.0
30
1000.0 ± 10 %
0.25
30
2.5
40.0
30
DIMENSIONS in inches [millimeters]
PART MARKING
- Vishay Dale
- Inductance value
- Date code
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
IMC-1812 Chip
Inductors
0.037 ± 0.008
[0.940 ± 0.203]
0.126 ± 0.008
[3.200 ± 0.203]
0.050
+ 0.004
- 0.008
Typ.
[1.270
]
+ 0.102
- 0.203
0.024
(1)
[0.6]
0.059
[1.5]
0.059
[1.5]
0.118 [3.0]
0.158
[4.0]
0.158
[4.0]
0.181
[4.6]
0.124 [3.15]
Ref.
0.126 ± 0.008
[3.200 ± 0.203]
0.177 ± 0.008
[4.500 ± 0.203]
0.030 ± 0.004
[0.762 ± 0.102]
Typ.
0.006 [0.152]
Ref. Typ.


Similar Part No. - IMC1812ER4R7K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC1812ER470K VISHAY-IMC1812ER470K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
More results

Similar Description - IMC1812ER4R7K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-1210 VISHAY-IMC-1210_17 Datasheet
78Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 02-Jun-15
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210ER1R0K VISHAY-IMC1210ER1R0K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210ER220K VISHAY-IMC1210ER220K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210 VISHAY-IMC1210 Datasheet
69Kb / 2P
   Wirewound, Surface-Mount Molded Inductors
IMC1812EU221K VISHAY-IMC1812EU221K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
IMC1812ER391K VISHAY-IMC1812ER391K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
IMC-1210 VISHAY-IMC-1210_V01 Datasheet
55Kb / 2P
   Wirewound, Surface-Mount Molded Inductors
01-Jan-2022
IMCH-1812 VISHAY-IMCH-1812_V01 Datasheet
52Kb / 2P
   Wirewound, Surface Mount, Molded Inductors
01-Jan-2022
IMC1812ER101K VISHAY-IMC1812ER101K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com