Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL60.0M-11 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 813-SL60.0M-11
Description  60.0MHz IF SAW Filter 12.0MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL60.0M-11 Datasheet(HTML) 1 Page - Oscilent Corporation

  813-SL60.0M-11_14 Datasheet HTML 1Page - Oscilent Corporation 813-SL60.0M-11_14 Datasheet HTML 2Page - Oscilent Corporation 813-SL60.0M-11_14 Datasheet HTML 3Page - Oscilent Corporation 813-SL60.0M-11_14 Datasheet HTML 4Page - Oscilent Corporation 813-SL60.0M-11_14 Datasheet HTML 5Page - Oscilent Corporation 813-SL60.0M-11_14 Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
813-SL60.0M-11
60.0MHz IF SAW Filter 12.0MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 813-SL60.0M-11_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
More results

Similar Description - 813-SL60.0M-11_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-10B OSCILENT-813-SL60.0M-10B Datasheet
459Kb / 6P
   60.0MHz IF SAW Filter 10.20MHz Bandwidth
813-SL60.0M-22A OSCILENT-813-SL60.0M-22A Datasheet
211Kb / 6P
   60.0MHz IF SAW Filter 22.37MHz Bandwidth
813-SL60.0M-10 OSCILENT-813-SL60.0M-10 Datasheet
120Kb / 4P
   60.0MHz IF SAW Filter 23.55MHz Bandwidth
835-IF60.0M-19B OSCILENT-835-IF60.0M-19B Datasheet
213Kb / 6P
   60.0MHz IF SAW Filter 19.50 MHz Bandwidth
logo
Transko Electronics, In...
TA06009AD TRANSKO-TA06009AD Datasheet
668Kb / 4P
   60.0MHz IF SAW Filter / 9.30MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
logo
Oscilent Corporation
835-IF60.0M-19A OSCILENT-835-IF60.0M-19A Datasheet
213Kb / 6P
   60.0MHz IF SAW Filter 19.25 MHz Bandwidth
logo
Golledge Electronics Lt...
MP03407 GOLLEDGE-MP03407 Datasheet
125Kb / 7P
   SAW Filter 60.0MHz
MP03387 GOLLEDGE-MP03387 Datasheet
117Kb / 7P
   SAW Filter 60.0MHz
MP03220 GOLLEDGE-MP03220 Datasheet
55Kb / 6P
   SAW Filter 60.0MHz
MA07308 GOLLEDGE-MA07308 Datasheet
88Kb / 3P
   SAW Filter 60.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com