Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL100.0M-28 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 813-SL100.0M-28
Description  Low-Loss 100MHz IF SAW Filter 28MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL100.0M-28 Datasheet(HTML) 1 Page - Oscilent Corporation

  813-SL100.0M-28_14 Datasheet HTML 1Page - Oscilent Corporation 813-SL100.0M-28_14 Datasheet HTML 2Page - Oscilent Corporation 813-SL100.0M-28_14 Datasheet HTML 3Page - Oscilent Corporation 813-SL100.0M-28_14 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
813-SL100.0M-28
Low-Loss 100MHz IF SAW Filter 28MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 813-SL100.0M-28_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL100.0M-28 OSCILENT-813-SL100.0M-28 Datasheet
284Kb / 2P
   Low-Loss 100MHz
More results

Similar Description - 813-SL100.0M-28_14

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN10013 SIPAT-LBN10013 Datasheet
142Kb / 3P
   100MHz IF SAW Filter 29MHz Bandwidth
LBN10013 SIPAT-LBN10013 Datasheet
148Kb / 3P
   100MHz IF SAW Filter 29MHz Bandwidth
LBN14010 SIPAT-LBN14010 Datasheet
150Kb / 3P
   140MHz SAW Filter 28MHz Bandwidth
LBN35006 SIPAT-LBN35006 Datasheet
146Kb / 3P
   350MHz SAW Filter 28MHz Bandwidth
LBN140A06 SIPAT-LBN140A06 Datasheet
147Kb / 3P
   140MHz SAW Filter 28MHz Bandwidth
LBN140A04 SIPAT-LBN140A04 Datasheet
151Kb / 3P
   140MHz SAW Filter 28MHz Bandwidth
LB140DS37 SIPAT-LB140DS37 Datasheet
154Kb / 3P
   140MHz SAW Filter 28MHz Bandwidth
LB070DS25 SIPAT-LB070DS25 Datasheet
155Kb / 3P
   70MHz SAW Filter 28MHz Bandwidth
LBN35006 SIPAT-LBN35006 Datasheet
151Kb / 3P
   350MHz SAW Filter 28MHz Bandwidth
LBN14010 SIPAT-LBN14010 Datasheet
144Kb / 3P
   140MHz SAW Filter 28MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com