Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

867-SL153.6M-20A Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 867-SL153.6M-20A
Description  153.6 MHz IF SAW Filter 23.5 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

867-SL153.6M-20A Datasheet(HTML) 4 Page - Oscilent Corporation

  867-SL153.6M-20A Datasheet HTML 1Page - Oscilent Corporation 867-SL153.6M-20A Datasheet HTML 2Page - Oscilent Corporation 867-SL153.6M-20A Datasheet HTML 3Page - Oscilent Corporation 867-SL153.6M-20A Datasheet HTML 4Page - Oscilent Corporation 867-SL153.6M-20A Datasheet HTML 5Page - Oscilent Corporation 867-SL153.6M-20A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Oscilent Part Number
867-SL153.6M-20A
January 2011 Rev A
153.6 MHz IF SAW Filter 23.5 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Bandwidth at –1.0 dB
Bandwidth at –40.0 dB
Wide-Band
Ripple Variation Fo±10.0MHz


Similar Part No. - 867-SL153.6M-20A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
867-SL130.9M-07B OSCILENT-867-SL130.9M-07B Datasheet
115Kb / 4P
   130.9MHz IF SAW Filter 7.8 MHz Bandwidth
867-SL135.0M-07B OSCILENT-867-SL135.0M-07B Datasheet
115Kb / 4P
   135.0 MHz IF SAW Filter 7.8 MHz Bandwidth
867-SL174.0M-08A OSCILENT-867-SL174.0M-08A Datasheet
211Kb / 6P
   174.0 MHz IF SAW Filter 8.15 MHz Bandwidth
867-SL174.0M-10A OSCILENT-867-SL174.0M-10A Datasheet
218Kb / 6P
   174.0 MHz IF SAW Filter 10.50 MHz Bandwidth
867-SL192.0M-13A OSCILENT-867-SL192.0M-13A Datasheet
220Kb / 6P
   192.0MHz IF SAW Filter 11.95 MHz Bandwidth
More results

Similar Description - 867-SL153.6M-20A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL15320AS1 TRANSKO-TL15320AS1 Datasheet
538Kb / 4P
   153.60 MHz IF SAW Filter / 23.5 MHz Bandwidth
Revision 0: 06 May 2008
logo
API Technologies Corp
SF0154BA03191S APITECH-SF0154BA03191S Datasheet
219Kb / 3P
   153.6 MHz SAW Filter 20 MHz Bandwidth
logo
TriQuint Semiconductor
856048 TRIQUINT-856048 Datasheet
546Kb / 5P
   153.6 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2155B MURATA-SF2155B Datasheet
810Kb / 6P
   153.6 MHz SAW Filter
logo
RF Monolithics, Inc
SF2155B RFM-SF2155B Datasheet
810Kb / 6P
   153.6 MHz SAW Filter
logo
TriQuint Semiconductor
856517 TRIQUINT-856517_15 Datasheet
627Kb / 6P
   153.6 MHz SAW Filter
856748 TRIQUINT-856748_15 Datasheet
442Kb / 5P
   153.6 MHz SAW Filter
logo
RF Monolithics, Inc
SF1095A RFM-SF1095A Datasheet
202Kb / 8P
   153.6 MHz SAW Filter
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com