Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

867-SL211.2M-20A Datasheet(PDF) 6 Page - Oscilent Corporation

Part # 867-SL211.2M-20A
Description  211.2MHz IF SAW Filter 20.84 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

867-SL211.2M-20A Datasheet(HTML) 6 Page - Oscilent Corporation

  867-SL211.2M-20A Datasheet HTML 1Page - Oscilent Corporation 867-SL211.2M-20A Datasheet HTML 2Page - Oscilent Corporation 867-SL211.2M-20A Datasheet HTML 3Page - Oscilent Corporation 867-SL211.2M-20A Datasheet HTML 4Page - Oscilent Corporation 867-SL211.2M-20A Datasheet HTML 5Page - Oscilent Corporation 867-SL211.2M-20A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Oscilent Part Number
867-SL211.2M-20A
January 2011 Rev A
211.2MHz IF SAW Filter 20.84 MHz Bandwidth
Product Specification
P. 5
www.oscilent.com
Smith Chart


Similar Part No. - 867-SL211.2M-20A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
867-SL201.0M-11A OSCILENT-867-SL201.0M-11A Datasheet
214Kb / 6P
   201.0 MHz IF SAW Filter 11.35 MHz Bandwidth
More results

Similar Description - 867-SL211.2M-20A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL21120AS1 TRANSKO-TL21120AS1 Datasheet
546Kb / 4P
   211.20 MHz IF SAW Filter / 20.84 MHz Bandwidth
Revision 0: 24 Mar. 2008
logo
SIPAT Co,Ltd
LBN21102 SIPAT-LBN21102 Datasheet
146Kb / 4P
   211.2MHz IF SAW Filter 19MHz Bandwidth
LBN21102 SIPAT-LBN21102 Datasheet
152Kb / 4P
   211.2MHz IF SAW Filter 19MHz Bandwidth
logo
Oscilent Corporation
813-IF70.0M-14D OSCILENT-813-IF70.0M-14D Datasheet
217Kb / 6P
   70.0 MHz IF SAW Filter 14.90 MHz Bandwidth
813-IF70.0M-19A OSCILENT-813-IF70.0M-19A Datasheet
208Kb / 6P
   70.0 MHz IF SAW Filter 19.83 MHz Bandwidth
820-IF120.0M-15A OSCILENT-820-IF120.0M-15A Datasheet
229Kb / 6P
   120.0 MHz IF SAW Filter 15.48 MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF45.0M-10A OSCILENT-821-IF45.0M-10A Datasheet
222Kb / 6P
   45.0 MHz IF SAW Filter 10.0 MHz Bandwidth
821-IF75.0M-30A OSCILENT-821-IF75.0M-30A Datasheet
499Kb / 6P
   75.0 MHz IF SAW Filter 29.97 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com