Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5010 Datasheet(PDF) 7 Page - NEC

Part # 2SC5010
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5010 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5010 Datasheet HTML 2Page - NEC 2SC5010 Datasheet HTML 3Page - NEC 2SC5010 Datasheet HTML 4Page - NEC 2SC5010 Datasheet HTML 5Page - NEC 2SC5010 Datasheet HTML 6Page - NEC 2SC5010 Datasheet HTML 7Page - NEC 2SC5010 Datasheet HTML 8Page - NEC 2SC5010 Datasheet HTML 9Page - NEC 2SC5010 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5010
7
S-PARAMETER
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.007
–5.9
1.878
172.3
.020
83.6
.998
–4.2
200.00
.988
–12.5
1.925
164.3
.040
80.5
.986
–8.2
300.00
.978
–18.3
2.006
157.9
.059
75.4
.975
–12.3
400.00
.953
–25.2
2.012
150.9
.077
71.4
.955
–16.2
500.00
.939
–30.9
2.031
145.7
.095
66.7
.937
–19.8
600.00
.921
–37.5
1.974
139.1
.110
62.8
.916
–23.3
700.00
.889
–43.2
1.942
133.9
.125
58.6
.893
–26.9
800.00
.871
–49.3
1.914
127.9
.139
54.9
.865
–30.0
900.00
.838
–55.6
1.875
122.8
.149
50.9
.836
–33.6
1000.00
.811
–62.4
1.917
117.8
.160
47.9
.807
–36.5
1100.00
.770
–69.7
1.925
112.5
.169
44.6
.781
–38.9
1200.00
.739
–76.5
1.961
107.7
.175
42.1
.755
–41.4
1300.00
.706
–83.5
1.927
102.7
.182
39.6
.729
–44.0
1400.00
.677
–90.1
1.923
98.4
.188
36.8
.704
–46.3
1500.00
.646
–97.2
1.886
93.2
.192
34.9
.679
–48.6
1600.00
.616
–103.7
1.849
89.2
.196
32.6
.656
–50.8
1700.00
.589
–111.3
1.843
84.4
.200
30.8
.635
–53.0
1800.00
.562
–118.1
1.786
80.4
.201
29.0
.616
–55.1
1900.00
.538
–125.1
1.786
76.1
.203
27.7
.593
–57.1
2000.00
.512
–133.6
1.762
71.8
.206
26.1
.575
–59.1
2100.00
.495
–140.2
1.729
68.0
.207
25.2
.557
–61.2
2200.00
.480
–147.6
1.689
63.9
.207
23.9
.540
–63.2
2300.00
.468
–154.5
1.676
60.4
.209
23.0
.522
–65.2
2400.00
.459
–161.6
1.630
56.7
.210
22.3
.511
–67.3
2500.00
.451
–168.1
1.600
53.4
.210
21.7
.494
–69.5
2600.00
.447
–175.0
1.576
49.7
.212
21.5
.481
–71.7
2700.00
.443
179.1
1.538
46.5
.213
21.1
.467
–74.0
2800.00
.445
173.0
1.509
43.4
.214
21.0
.457
–76.5
2900.00
.443
166.8
1.482
40.1
.216
20.6
.441
–79.1
3000.00
.449
161.9
1.453
37.3
.217
20.5
.432
–81.9
VCE = 1 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.862
–14.2
8.672
160.8
.023
80.2
.956
–13.0
200.00
.795
–28.9
8.389
148.6
.042
70.5
.875
–24.2
300.00
.718
–43.2
8.162
137.5
.057
64.0
.778
–32.6
400.00
.638
–57.7
7.624
128.2
.070
59.5
.691
–39.0
500.00
.573
–71.2
7.259
119.8
.079
57.7
.618
–43.6
600.00
.510
–83.2
6.617
112.0
.088
55.2
.556
–47.2
700.00
.447
–95.3
6.154
105.2
.096
53.5
.504
–50.1
800.00
.402
–106.5
5.675
98.7
.103
52.8
.459
–52.2
900.00
.364
–117.0
5.254
93.5
.111
52.4
.423
–54.2
1000.00
.336
–127.2
4.875
88.6
.118
51.3
.393
–55.8
1100.00
.314
–136.0
4.517
84.4
.126
50.7
.366
–57.1
1200.00
.300
–144.9
4.206
80.3
.133
50.3
.343
–58.7
1300.00
.289
–153.1
3.922
76.7
.139
49.5
.323
–60.4
1400.00
.286
–160.7
3.699
73.4
.147
48.9
.303
–61.7
1500.00
.282
–167.9
3.473
69.9
.155
48.3
.286
–63.7
1600.00
.282
–174.7
3.293
66.9
.162
47.5
.271
–65.3
1700.00
.286
178.6
3.128
63.6
.170
46.8
.255
–67.1
1800.00
.288
172.9
2.962
60.9
.177
46.2
.242
–69.0
1900.00
.294
167.6
2.838
58.1
.186
45.3
.227
–71.6
2000.00
.303
162.2
2.707
55.2
.193
44.4
.214
–74.0
2100.00
.310
157.3
2.599
52.5
.201
43.5
.200
–76.5
2200.00
.318
152.9
2.487
49.6
.208
42.5
.189
–79.5
2300.00
.327
148.8
2.404
47.4
.215
41.5
.176
–83.1
2400.00
.336
144.9
2.312
44.6
.223
40.5
.166
–86.5
2500.00
.347
141.4
2.234
42.3
.231
39.5
.154
–90.9
2600.00
.359
137.6
2.165
39.6
.237
38.2
.146
–94.9
2700.00
.368
134.9
2.089
37.3
.245
37.3
.135
–100.8
2800.00
.381
131.9
2.028
34.8
.252
36.4
.126
–106.2
2900.00
.390
128.8
1.962
32.5
.260
35.1
.118
–113.3
3000.00
.403
126.6
1.913
30.2
.267
34.0
.113
–121.0


Similar Part No. - 2SC5010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
2SC5010 CEL-2SC5010 Datasheet
1Mb / 9P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5010-T1 RENESAS-2SC5010-T1 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 RENESAS-2SC5010_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5010

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com