Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE400CA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # P6KE400CA
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P6KE400CA Datasheet(HTML) 3 Page - Diodes Incorporated

  P6KE400CA Datasheet HTML 1Page - Diodes Incorporated P6KE400CA Datasheet HTML 2Page - Diodes Incorporated P6KE400CA Datasheet HTML 3Page - Diodes Incorporated P6KE400CA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS21502 Rev. 12 - 2
3 of 4
P6KE6V8(C)A - P6KE400(C)A
10 X 1000 Waveform
as defined by REA
0
25
50
75 100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
L = 9.5 mm
40x40x1mmCu
0
25
50
75
100 125 150 175 200
0
1.25
2.5
3.75
5.0
T , LEAD TEMPERATURE (°C)
Fig. 5, Steady State Power Derating
L
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
0.1
1.0
T , PULSE WIDTH (µs)
Fig. 3 Pulse Rating Curve
p
0.1
10
100
1.0
10
100
1000
10000
IMPULSE
T = 25°C
C
01
2
3
100
50
0
t = 10ms
r
Peak Value Ipp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
tp
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig.2Typical Total Capacitance
RWM
Measured at
Stand-off Voltage
Measured at
Zero Bias
T = 25°C
j
f = 1.0 MHz
V = 50mV p-p
sig


Similar Part No. - P6KE400CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE400CA SUNMATE-P6KE400CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE400CA PANJIT-P6KE400CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
P6KE400CA PANJIT-P6KE400CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
P6KE400CA YINT-P6KE400CA Datasheet
854Kb / 5P
   P6KE Transient Voltage Suppressor Diode Series
logo
STMicroelectronics
P6KE400CA STMICROELECTRONICS-P6KE400CA Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
More results

Similar Description - P6KE400CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com