Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKS7-352-20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NKS7-352-20
Description  Miniature Quartz Crystals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NKS7-352-20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NKS7-352-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers NKS7-352-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS-115 REV E November 1998
1.13
Miniature Quartz Crystals
SaRonix
Technical Data
NKS7Series
Ceramic SMD
Frequency Range:
Description
The NKS7 Series incorporates a sub-
miniature AT-cut strip crystal resonator
housed in a standard 5x7 mm ceramic
package. These compact crystals are ideal
for surface mount, densely-populated
PCB applications.
Applications & Features
Rugged AT-cut crystal construction
Extremely small SMD package
Ideally suited for disc drives, PCMCIA,
PC's and hand-held products
Available on tape & reel
ACTUAL SIZE
Temperature Range:
Operating:
Storage:
-20 to +70°C, -40 to +85°C available, contact SaRonix
-40 to +85°C
Temperature
Stability Tolerance:
Characteristics @ 25°C ±2°C:
Frequency Calibration
Tolerance:
Load Capacitance:
Effective Series Resistance:
Drive Level:
Shunt Capacitance:
±50ppm (for tighter tolerances contact Saronix)
8 to 32pF, or Series Resonant
60
Ω max, 8 to 16 MHz
30
Ωmax, 16+ to 30MHz
80
Ωmax, 30+ to 40MHz
70
Ωmax, 40+ to 83MHz
100µW correlation, 500µW max
7pF max
Mechanical:
±5ppm max after 3 drops from 75cm onto a hard wooden board
MIL-STD-883, Method 2003
±5ppm max sine vibration 10-55Hz, sweep period 1-2 minutes,
amplitude 1.5mm, 3 mutually perpendicular planes each 1 hour.
MIL-STD-202, Method 215
MIL-STD 202, Method 210, Condition I or J
Shock:
Solderability:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
±50ppm over -20 to +70°C (for tighter tolerances contact Saronix)
30 MHz to 83 MHz (3rd Overtone)
8 MHz to 30 MHz (Fundamental)
Environmental:
Gross Leak Test:
Fine Leak Test:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 1014, Condition C
MIL-STD-883, Method 1014, Condition A2
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Part Numbering Guide
Load Capacitance
(Blank = series resonant)
Frequency Code
NKS 7 - 120 - 20
SaRonix Series Designator
Package Type
7 ( 7 x 5 x 1.3 mm )
SaRonix
141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894


Similar Part No. - NKS7-352-20

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKS100-100 NELLSEMI-NKS100-100 Datasheet
1Mb / 5P
   High Performance Schottky Rectifier
NKS200-100 NELLSEMI-NKS200-100 Datasheet
1Mb / 5P
   High Performance Schottky Rectifier
NKSD200-100 NELLSEMI-NKSD200-100 Datasheet
811Kb / 6P
   Schottky Rectifier
NKSD200-100RI NELLSEMI-NKSD200-100RI Datasheet
811Kb / 6P
   Schottky Rectifier
NKSD300-100 NELLSEMI-NKSD300-100 Datasheet
386Kb / 6P
   Schottky Rectifier, 300 A
More results

Similar Description - NKS7-352-20

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3X10 ECS-ECS-3X10 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
List of Unclassifed Man...
ECS-3X9 ETC1-ECS-3X9 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-3X10X ECS-ECS-3X10X Datasheet
177Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT57C VISHAY-XT57C_07 Datasheet
92Kb / 3P
   Quartz Crystals
Revision: 18-Oct-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com