Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKS7-403-20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NKS7-403-20
Description  Miniature Quartz Crystals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NKS7-403-20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NKS7-403-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers NKS7-403-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All specifications are subject to change without notice.
DS-115 REV E November 1998
1.14
Miniature Quartz Crystals
Technical Data
SaRonix
Ceramic, SMD
NKS7Series
S7 YYWW
Package Details
Solder Reflow Guide
Reflow 240°C max
Cooling
Preheat 183 ±10°C
10 sec max
1 ~ 2 minutes
Time
Common Frequencies
7.2
.284
max
1.6
.063
X2
GND
2.54
.100
1.0
.039
GND
X1
1.2
.047
1.2
.047
Marking Format **
Date Code
Frequency
Code
Load
Capacitance
SaRonix
Designator
&
Package
Type
1.3
.051
max
5.2
.205
max
Bottom View
Top View
8.000000
8.000156
8.192000
9.392000
9.830400
10.000000
10.108800
10.360000
11.000000
11.059200
11.428000
12.000000
12.352000
12.500000
12.800000
12.900000
13.000000
13.062500
13.333333
13.824000
14.318180
14.745600
15.000000
15.360000
15.974400
16.000000
16.000312
16.384000
16.488000
16.588800
16.667000
16.934400
17.000000
17.333333
17.500000
17.708333
17.734400
18.000000
18.432000
18.750000
18.869600
19.136000
19.200000
19.660800
Frequency
(MHz)
NKS7-080-20
NKS7-081-20
NKS7-082-20
NKS7-093-20
NKS7-098-20
NKS7-100-20
NKS7-101-20
NKS7-103-20
NKS7-110-20
NKS7-111-20
NKS7-114-20
NKS7-120-20
NKS7-123-20
NKS7-125-20
NKS7-128-20
NKS7-129-20
NKS7-130-20
NKS7-131-20
NKS7-133-20
NKS7-138-20
NKS7-143-20
NKS7-147-20
NKS7-150-20
NKS7-153-20
NKS7-159-20
NKS7-160-20
NKS7-161-20
NKS7-163-20
NKS7-164-20
NKS7-165-20
NKS7-166-20
NKS7-169-20
NKS7-170-20
NKS7-173-20
NKS7-175-20
NKS7-176-20
NKS7-177-20
NKS7-180-20
NKS7-184-20
NKS7-187-20
NKS7-188-20
NKS7-191-20
NKS7-192-20
NKS7-196-20
SaRonix
Part Number
*
Frequency
(MHz)
SaRonix
Part Number
20.000000
20.275200
20.480000
20.833000
20.945000
22.118400
23.040000
24.000000
24.000140
24.192000
24.576000
25.000000
26.800000
27.000000
28.636360
30.000000
30.000000
31.334400
32.000000
33.000000
33.870000
35.000000
35.251200
35.468000
36.288000
36.864000
38.880000
39.168000
40.000000
40.320000
40.550400
44.236800
44.545000
44.695000
44.736000
48.000000
50.000000
52.416000
56.488000
57.000000
57.645000
60.000000
72.208333
82.705000
NKS7-200-20
NKS7-202-20
NKS7-204-20
NKS7-208-20
NKS7-209-20
NKS7-221-20
NKS7-230-20
NKS7-240-20
NKS7-241-20
NKS7-242-20
NKS7-245-20
NKS7-250-20
NKS7-268-20
NKS7-270-20
NKS7-286-20
NKS7-300-20
NKS7-301-20
NKS7-313-20
NKS7-320-20
NKS7-330-20
NKS7-338-20
NKS7-350-20
NKS7-352-20
NKS7-354-20
NKS7-362-20
NKS7-368-20
NKS7-388-20
NKS7-391-20
NKS7-400-20
NKS7-403-20
NKS7-405-20
NKS7-442-20
NKS7-445-20
NKS7-446-20
NKS7-447-20
NKS7-480-20
NKS7-500-20
NKS7-524-20
NKS7-564-20
NKS7-570-20
NKS7-576-20
NKS7-600-20
NKS7-722-20
NKS7-827-20
*Above the line parts are fundamental, below they are 3rd OT.
4°C/sec max
250
4°C/sec max
150
200
2.2
.079
2.5
.098
6.3
.248
1.5
.059
Recommended Land Pattern
** Exact location of items may vary
500 - 20
SaRonix
141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894


Similar Part No. - NKS7-403-20

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKS100-100 NELLSEMI-NKS100-100 Datasheet
1Mb / 5P
   High Performance Schottky Rectifier
NKS200-100 NELLSEMI-NKS200-100 Datasheet
1Mb / 5P
   High Performance Schottky Rectifier
NKSD200-100 NELLSEMI-NKSD200-100 Datasheet
811Kb / 6P
   Schottky Rectifier
NKSD200-100RI NELLSEMI-NKSD200-100RI Datasheet
811Kb / 6P
   Schottky Rectifier
NKSD300-100 NELLSEMI-NKSD300-100 Datasheet
386Kb / 6P
   Schottky Rectifier, 300 A
More results

Similar Description - NKS7-403-20

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3X10 ECS-ECS-3X10 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
List of Unclassifed Man...
ECS-3X9 ETC1-ECS-3X9 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-3X10X ECS-ECS-3X10X Datasheet
177Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT57C VISHAY-XT57C_07 Datasheet
92Kb / 3P
   Quartz Crystals
Revision: 18-Oct-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com