Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN1206-150ASMD Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # UN1206-150ASMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN1206-150ASMD Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  UN1206-150ASMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN1206-150ASMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN1206-150ASMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN1206-150ASMD Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
3 / 4
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN1206 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Item
Test Condition / Description
Requirement
DC Spark-over Voltage
The voltage is measured with a slowly rate of rise dv / dt=100V/s
Impulse Spark-over
Voltage
The maximum impulse spark-over voltage is measured with a rise time of
dv / dt=100V//
μs or 1KV/μs
Insulation Resistance
The resistance of gas tube shall be measured each terminal each other terminal,
please see above spec.
Capacitance
The capacitance of gas tube shall be measured each terminal to each other
terminal.
Test frequency :1MHz
Nominal Impulse
Discharge Current
The maximum current applying a waveform of 8/20
μs that can be applied across
the terminals of the gas tube. One hour after the test is completed, re-testing of the
DC spark-over voltage does not exceed
±40% of the nominal DC spark-over
voltage. Dwell time between pulses is 3 minutes.
To meet
the specified
value
Reflow Condition
Pb - Free assembly
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
Pre Heat
- Time (min to max) (ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
5
°C/second max
- Temperature (TL) (Liquidus)
217
°C
Reflow
- Time (min to max) (ts)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time
within
5
°C
of
actual
peak
Temperature (tp)
10 - 30 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Do not exceed
260
°C
Electrical Rating
Recommended soldering profile
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
1.0
0.9
0.5
0.1
0.0
20
μsec
30% Max
T
8
μsec


Similar Part No. - UN1206-150ASMD

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN1206-150ASMD UNSEMI-UN1206-150ASMD Datasheet
2Mb / 5P
   Surface Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN1206-150ASMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN1812-300CSMD SOCAY-UN1812-300CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-SMD SOCAY-UN2E5-SMD Datasheet
193Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-470CSMD SOCAY-UN1812-470CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-200CSMD SOCAY-UN1812-200CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-90LSMD SOCAY-UN2E5-90LSMD Datasheet
330Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-SMD SOCAY-SC2E5-SMD Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-SMD SOCAY-UN2E6-SMD Datasheet
267Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-600CSMD SOCAY-UN1812-600CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-400LSMD SOCAY-UN2E6-400LSMD Datasheet
322Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-350CSMD SOCAY-UN1812-350CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com