Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A33-SMA33 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A33-SMA33
Description  Cascadable Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A33-SMA33 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A33-SMA33 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A33-SMA33 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 2000 MHz
Rev. V2
A33 / SMA33
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-2050
10-2000
10-2000
Small Signal Gain (min)
dB
9.5
8.5
8.0
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
15
Noise Figure (max)
dB
4.5
5.5
6.0
Power Output
@ 1 dB comp. (min)
dBm
3.0
2.5
2.0
IP3
dBm
+15
IP2
dBm
+22
Second Order Harmonic IP
dBm
+28
VSWR Input / Output (max)
1.7:1 / 1.7:1
2.0:1 / 2.0:1
2.2:1 / 2.2:1
DC Current @ 15 Volts (max)
mA
14
16
17
Features
• AVAILABLE IN SURFACE MOUNT
• LOW NOISE FIGURE: 4.5 dB (TYP.)
• +3 dBm OUTPUT LEVEL (TYP.)
• WIDE POWER SUPPLY RANGE +8 TO +15 VOLTS
Description
The A33 RF amplifier is a discrete thin film hybrid design,
which incorporates the use of thin film manufacturing
processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network is used for
temperature-stable performance, in addition to an RF Choke,
used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A33
TO-8
MAAM-008718-0SMA33
Surface Mount
MAAM-008718-00CA33
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+20 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
1.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.165 W
Junction Temperature Rise
Above Case Tjc
+7ºC
* Over temperature performance limits for part number CA33, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A33-SMA33

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
   2 TO 2400 MHz CASCADABLE AMPLIFIER
A33-1 MACOM-A33-1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
M/A-COM Technology Solu...
A33-1 MA-COM-A33-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
A33-1-SMA33-1 MA-COM-A33-1-SMA33-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Tyco Electronics
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
More results

Similar Description - A33-SMA33

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com