Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN3E5-90L Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # UN3E5-90L
Description  3-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN3E5-90L Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  UN3E5-90L Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN3E5-90L Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN3E5-90L Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN3E5-90L Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
1 / 4
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN3E5 Series
SOCAY Electronics Co., Ltd.
www.socay.com
UN3E5-XXXL
UN3E5-XXXLM
UN3E5-XXXLSMD
Gas discharge Tubes (GDT) are classical components for
protecting the installations of the telecommunications. It is
essential that IT and telecommunications systems -with their
high-grade but sensitive electronic circuits - be protected by
arresters. They are thus fitted at the input of the power supply
system together with varistors and at the connection points to
telecommunication lines. They have become equally indispensable
for protecting base stations in mobile telephone systems as well as
extensive cable television (CATV) networks with their repeaters
and distribution systems.
These protective components are also indispensable in other
sectors, In AC power transmission systems, they are often used
with current-limiting varistors, In customer premises equipment
such as DSL modems, WLAN routers, TV sets and cable modems
In air-conditioning equipment, the integral black-box concept offers
graduated protection by combining arresters with varistors, PTC,
diodes and inductor.
AGENCY
AGENCY FILE NUMBER
E341061
u
Non-Radioactive
u
RoHS compliant
u
Low insertion loss
u
Excellent response to fast rising transients
u
Ultra low capacitance
u
5KA surge capability tested with 8/20
μs
pulse as de
fined by IEC 61000-4-5
Materials
Leaded
Device:
Nickel-plated
with
Tinplated wires
Surface Mount: Dull Tin-plated
Product Marking
UNION
XXXL
XXX
-Nominal voltage
L
-5KA
Glow to Arc
Transition Current
< 0.5 Amps
Glow Voltage
~60 Volts
Storage and
Operational
Temperature
-40 to +90
°C
UN3E5-XXXLM
~0.78g
UN3E5-XXXLM
~0.66g
Weight
UN2E5-XXXLSMD
~0.68g
Climatic category
(IEC 60068-1)
40/ 90/ 21
u
Communication equipment
u
CATV equipment
u
Test equipment
u
Data lines
u
Power supplies
u
Telecom SLIC protection
u
Broadband equipment
u
ADSL equipment, including ADSL2+
u
XDSL equipment
u
Satellite and CATV equipment
u
Consumer electronics
Features
Schematic Symbol
Agency Approvals
Product Characteristics
Applications
Description
a
e
b
a = Tip
b = Ring
e = Ground
(Center electrode)


Similar Part No. - UN3E5-90L

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN3E5-90L UNSEMI-UN3E5-90L Datasheet
4Mb / 5P
   Double line Gas Discharge Tube
Revision March 1,2022
UN3E5-90LM UNSEMI-UN3E5-90LM Datasheet
4Mb / 5P
   Double line Gas Discharge Tube
Revision March 1,2022
UN3E5-90LSMD UNSEMI-UN3E5-90LSMD Datasheet
4Mb / 5P
   Double line Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN3E5-90L

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN328-150HM SOCAY-UN328-150HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E7-75HM SOCAY-UN3E7-75HM Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
SC3E8 SOCAY-SC3E8 Datasheet
3Mb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN3E8-75HM SOCAY-UN3E8-75HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com