Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN2E6-150LSMD Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # UN2E6-150LSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E6-150LSMD Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  UN2E6-150LSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E6-150LSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E6-150LSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E6-150LSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E6-150LSMD Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
4 / 5
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E6-SMD Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Description
Quantity
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2E6-XXXLSMD
Tape & Reel -12mm tape/13
″Reel
800
Tray
Part Numbering
Packaging Information
Unit: mm
UN 2E6
– XXX L S MD
SMD,
Surface Mount
8/20
μs Level
L, 5KA
Nominal DC Spark-over Voltage
90 = 90V
350=350V
150 = 150V
400=400V
200 = 200V
470=470V
230 = 350V
600=600V
Series


Similar Part No. - UN2E6-150LSMD

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN2E6-150LSMD UNSEMI-UN2E6-150LSMD Datasheet
3Mb / 6P
   Surface Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN2E6-150LSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN1812-300CSMD SOCAY-UN1812-300CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-SMD SOCAY-UN2E5-SMD Datasheet
193Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-470CSMD SOCAY-UN1812-470CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-200CSMD SOCAY-UN1812-200CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-90LSMD SOCAY-UN2E5-90LSMD Datasheet
330Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-SMD SOCAY-SC2E5-SMD Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-600CSMD SOCAY-UN1812-600CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-400LSMD SOCAY-UN2E6-400LSMD Datasheet
322Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-350CSMD SOCAY-UN1812-350CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com