Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN2E8-2700LL Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # UN2E8-2700LL
Description  High Voltage 2-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-2700LL Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  UN2E8-2700LL Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-2700LL Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-2700LL Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-2700LL Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Voltage 2-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
4 / 4
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 / UN2H8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Description
Quantity
UN2E8-XXXLL
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2H8-XXXLL
50PCS per Tray, 10 Trays / Inner Carton
500
UN2E8-XXXL
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2H8-XXXL
100PCS per Tray, 10 Trays / Inner Carton
1000
Tray used in UN2E8-XXXLL
Tray used in UN2H8-XXXLL
Tray used in UN2E8 / 2H8-XXXL
u
Gas discharge tubes (GDT) may become hot in case of longer periods of current stress (danger of burning).
u
Gas discharge tubes (GDT) may be used only within their specified values. In the event of overload, the head contacts may
fail or the component may be destroyed.
u
Damaged Gas discharge tubes (GDT) must not be re-used.
Part Numbering
UN 2E8
– XXX L L
L,
with axial wire
No,
without wire
8/20
μs Level
L, 5KA
Nominal DC Spark-over Voltage
1000 = 1000V
3000=3000V
1600 = 1600V
3500=3500V
2000 = 2000V
4500=4500V
2500 = 2500V
5500=5500V
Series
Packaging Information
Unit: mm
Cautions and warnings


Similar Part No. - UN2E8-2700LL

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN2E8-2700LL UNSEMI-UN2E8-2700LL Datasheet
3Mb / 7P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN2E8-2700LL

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-6000LL SOCAY-UN2E8-6000LL Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5 SOCAY-SC2E5_V01 Datasheet
1Mb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2H8 SOCAY-SC2H8 Datasheet
2Mb / 5P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000L SOCAY-UN2E8-1000L Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com