Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN3E6-420MM Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # UN3E6-420MM
Description  3-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN3E6-420MM Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  UN3E6-420MM Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN3E6-420MM Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN3E6-420MM Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN3E6-420MM Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
2 / 4
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN3E6 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Radial Leaded Devices (UN3E6-XXXMM)
Without wire Devices (UN3E6-XXXM)
Service Life
DC Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse Life
Part Number
Marking
@100V/S
@100V/
μs
@1KV/
μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs 4)
±5 times
@8/20
μs 4)
1 time
@50Hz
4)
1 Sec
10 times
@10/1000
μs 4)
300 times
UN3E6-75MM
UN3E6-75M
UNION
75M
75V
±20%
<500V
<600V
1 G
Ω
(at 25V)
<1.5pF
~15V
10KA
20KA
10A
200A
UN3E6-90MM
UN3E6-90M
UNION
90M
90V
±20%
<500V
<600V
1 G
Ω
(at 50V)
<1.5pF
~15V
10KA
20KA
10A
200A
UN3E6-150MM
UN3E6-150M
UNION
150M
150V
±20%
<500V
<600V
1 G
Ω
(at 50V)
<1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-230MM
UN3E6-230M
UNION
230M
230V
±20%
<600V
<700V
1 G
Ω
(at 100V)
<1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-250MM
UN3E6-250M
UNION
250M
250V
±20%
<600V
<700V
1 G
Ω
(at 100V)
<1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-300MM
UN3E6-300M
UNION
300M
300V
±20%
<800V
<900V
1 G
Ω
(at 100V)
<1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-350MM
UN3E6-350M
UNION
350M
350V
±20%
<800V
<900V
1 G
Ω
(at 100V)
<1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-420MM
UN3E6-420M
UNION
420M
420V
±20%
<900V
<1000V
1 G
Ω
(at 100V)
<1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-470MM
UN3E6-470M
UNION
470M
470V
±20%
<900V
<1000V
1 G
Ω
(at 100V)
<1.5pF
~20V
10KA
20KA
10A
200A
UN3E6-600MM
UN3E6-600M
UNION
600M
600V
±20%
<1100V <1200V
1 G
Ω
(at 100V)
<1.5pF
~20V
10KA
20KA
10A
200A
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
3). Tip or ring electrode to center electrode
4). Total current through center electrode, half value through tip respectively ring electrode
Dimensions
(Unit: mm)
Electrical Characteristics


Similar Part No. - UN3E6-420MM

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN3E6-420MM UNSEMI-UN3E6-420MM Datasheet
3Mb / 5P
   Double line Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN3E6-420MM

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E5-75LM SOCAY-UN3E5-75LM Datasheet
443Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN328-150HM SOCAY-UN328-150HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E7-75HM SOCAY-UN3E7-75HM Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
SC3E8 SOCAY-SC3E8 Datasheet
3Mb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN3E8-75HM SOCAY-UN3E8-75HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com