Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHT1C331MDN1 Datasheet(PDF) 2 Page - Nichicon corporation

Part # RHT1C331MDN1
Description  Functional Polymer Aluminum Solid Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RHT1C331MDN1 Datasheet(HTML) 2 Page - Nichicon corporation

  RHT1C331MDN1 Datasheet HTML 1Page - Nichicon corporation RHT1C331MDN1 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NICHICON CORPORATION / FPCAP ELECTRONICS (SUZHOU) CO., LTD.
1
10
100
1000
10000
0.1
1
10
100
1000
10000
16V 330μF (HT series)
1
10
100
1000
10000
0.1
1
10
100
1000
10000
16V 330μF (HT series)
Rated
Voltage
Rated
Capacitance
Leakage
Current *1
tanδ
ESR
Case Size
(V)
(μF, 120Hz)
NICHICON
FPCAP
(μA, 2 min)
(120Hz)
(mΩ, 100kHz)
*2 105ºC
or less
*2 105ºC
to 125ºC
φD×L(mm)
680
RHT0J681MDN1
FP-6R3RE681M-HT
857
0.12
12
5450
1740
10 x 12.5
820
RHT0J821MDN1
FP-6R3RE821M-HT
1033
0.12
12
5450
1740
10 × 12.5
220
RHT1A221MDN1
FP-010RE221M-HT
440
0.12
17
3950
1260
8 × 11.5
330
RHT1A331MDN1
FP-010RE331M-HT
660
0.12
17
3950
1260
8 × 11.5
390
RHT1A391MDN1
FP-010RE391M-HT
780
0.12
16
3950
1260
8 × 11.5
560
RHT1A561MDN1
FP-010RE561M-HT
1120
0.12
13
5250
1680
10 × 12.5
270
RHT1C271MDN1
FP-016RE271M-HT
864
0.12
16
4750
1520
10 × 12.5
330
RHT1C331MDN1
FP-016RE331M-HT
1056
0.12
16
4750
1520
10 × 12.5
20
150
RHT1D151MDN1
FP-020RE151M-HT
600
0.12
20
4350
1390
10 × 12.5
16
Part Number
Rated Ripple Current
6.3
10
Frequency Characteristics
*1: In case of some doubt about measured values, measure after applying rated voltage for 120 minutes at 105
°C.
*2: At ambient temperature
Frequency (kHz)
Frequency (kHz)
Part number & Specifications
DN
R
HT
1C
331
M
1
Type
Series Name
Rated
Capacitance
Capacitance
Tolerance
Configuration
Lead
Forming
Rated
Voltage
HT
FP
016
RE
331
M
R
Rated Voltage
Rated
Capacitance
Capacitance
Tolerance
Lead
Forming
FPCAP P/N
Part Number (EX) 16V, 330μF
Control Code
Control Code
Series Name
Commodity
Mark
Classification
R: Long lead (Bulk)
CG: Cut lead (Bulk)
K :
φ8, 3.5mm pitch taping
P :
φ8, 5.0mm pitch taping
PH:
φ10, 5.0mm pitch taping
CG: Cut lead (Bulk)
KX:
φ8, 3.5mm pitch taping
PX:
φ8, 5.0mm pitch taping
PH:
φ10, 5.0mm pitch taping
29
Nichicon P/N


Similar Part No. - RHT1C331MDN1

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHT1C331MDN1 NICHICON-RHT1C331MDN1 Datasheet
674Kb / 2P
   High Temperature
RHT1C331MDN1XX NICHICON-RHT1C331MDN1XX Datasheet
858Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACIOTRS
More results

Similar Description - RHT1C331MDN1

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
R5SERIES NICHICON-R5SERIES Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RSL0E101MCN1GB NICHICON-RSL0E101MCN1GB Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
E5SERIES NICHICON-E5SERIES Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SLSHSERIES NICHICON-SLSHSERIES Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PS_PASERIES NICHICON-PS_PASERIES Datasheet
171Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
S6SERIES NICHICON-S6SERIES Datasheet
164Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
RR50E561MDN1XX NICHICON-RR50E561MDN1XX Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
FSSERIES NICHICON-FSSERIES Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
R7SERIES NICHICON-R7SERIES Datasheet
1Mb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com