Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJHSE-5085-02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RJHSE-5085-02
Description  RJHSE Series RJ45
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJHSE-5085-02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RJHSE-5085-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJHSE-5085-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJHSE-5085-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RJHSE-5085-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RJHSE-5085-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RJHSE-5085-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers RJHSE-5085-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
60
Specifications:
Contact Resistance: 20 milliohms maximum
Insulation Resistance: 500 Megohms minimum
Current Rating: 1,5 Amps DC maximum
Voltage Rating: 125 Volts AC
Materials:
Contacts: Phosphor Bronze; Gold over Nickel
Insert: High temp thermoplastic suitable for reflow
solder process. Wave solder process recommended
for connectors with LED’s
Shell: Copper Alloy; Nickel plated with pure tin
dipped PCB tail
RJHSE SERiES RJ45
Part Numbers:
Part number
Shielding
LED
Number of ports
RJHSE-5080
No
Blocked
Single port
RJHSE-5081
No
Led 1 green, led 2 yellow
Single port
RJHSE-5084-04
No
Led 1 yellow, led 2 green
4 ports
RJHSE-5085
No
Led 1green, led 2 green
Single port
RJHSE-5085-02
No
Led 1green, led 2 green
2 ports
RJHSE-5380
Yes
Blocked
Single port
RJHSE-5381
Yes
Led 1 green, led 2 yellow
Single port
RJHSE-5381-04
Yes
Led 1 green, led 2 yellow
4 ports
RJHSE-5382
Yes
Led 1 green
Single port
RJHSE-5384
Yes
Led 1 yellow, led 2 green
Single port
RJHSE-5384-02
Yes
Led 1 yellow, led 2 green
2 ports
RJHSE-5385
Yes
Led 1green, led 2 green
Single port
RJSSE-5080
No
Blocked
Single port
RJSSE-5380
Yes
Blocked
Single port
RJSSE-5381-02
Yes
Led 1 green, led 2 yellow
2 ports


Similar Part No. - RJHSE-5085-02

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJHSE-5381 AMPHENOL-RJHSE-5381 Datasheet
318Kb / 2P
   HIGH SPEED, RJ45, MODULAR JACK, 8 POSITION, 8 CONTACTS, SHIELDED, WITH LEDS-ROHS COMOLIANT
RJHSE-5381-02 AMPHENOL-RJHSE-5381-02 Datasheet
267Kb / 2P
   2PORT HIGH SPEED MODULAR JACK
RJHSE-5382-02 AMPHENOL-RJHSE-5382-02 Datasheet
267Kb / 2P
   2PORT HIGH SPEED MODULAR JACK
RJHSE-5383-02 AMPHENOL-RJHSE-5383-02 Datasheet
267Kb / 2P
   2PORT HIGH SPEED MODULAR JACK
RJHSE-5384-02 AMPHENOL-RJHSE-5384-02 Datasheet
267Kb / 2P
   2PORT HIGH SPEED MODULAR JACK
More results

Similar Description - RJHSE-5085-02

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJHSE538503 AMPHENOL-RJHSE538503 Datasheet
73Kb / 1P
   RJHSE SERIES, THREE PORT MODULAR JACK, 8 POSITIONS 8 CONTACTS PER PORT, SHIELDED, WITH LEDs - RoHS COMPLIANT
logo
Switchcraft, Inc.
EHRJ45P5E SWITCH-EHRJ45P5E Datasheet
166Kb / 1P
   EH SERIES RJ45. RoHS
EHRJ45P SWITCH-EHRJ45P Datasheet
152Kb / 1P
   EH SERIES RJ45 ADAPTER, RoHS
NHRJ45D SWITCH-NHRJ45D Datasheet
236Kb / 1P
   NH SERIES RJ45 ADAPTER, RoHS
Rev. A
logo
Alpha Wire
QR04QR117-TL356 ALPHAWIRE-QR04QR117-TL356 Datasheet
120Kb / 2P
   RJ45 Male to RJ45 Male
QR04QR118 ALPHAWIRE-QR04QR118 Datasheet
123Kb / 2P
   RJ45 Male to RJ45 Male
QR04QR117 ALPHAWIRE-QR04QR117 Datasheet
120Kb / 2P
   RJ45 Male to RJ45 Male
logo
Switchcraft, Inc.
NHRJ45D_IDC SWITCH-NHRJ45D_IDC Datasheet
171Kb / 1P
   NH SERIES RJ45 RA IDC, RoHS
Rev. A
logo
PHOENIX CONTACT
1652156 PHOENIX-1652156 Datasheet
96Kb / 3P
   Adapter plate - VS-ADP16-RJ45/RJ45
1402420 PHOENIX-1402420 Datasheet
68Kb / 4P
   RJ45 connector - VS-08-RJ45-Q
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com