Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJSAE538A08 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RJSAE538A08
Description  RJHSE Series RJ45
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJSAE538A08 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RJSAE538A08 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJSAE538A08 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJSAE538A08 Datasheet HTML 3Page - List of Unclassifed Manufacturers RJSAE538A08 Datasheet HTML 4Page - List of Unclassifed Manufacturers RJSAE538A08 Datasheet HTML 5Page - List of Unclassifed Manufacturers RJSAE538A08 Datasheet HTML 6Page - List of Unclassifed Manufacturers RJSAE538A08 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
64
Specifications:
Mating Cycles: 5000 mated/Unmated
Insulator Resistance: 500 MΩ Min at 500V DC
Dielectric Withstanding Voltage: 1000V AC for 1 minute
Operating Temperature: -0°c to +70°c
Storage Temperature: -40°c to +105°c
Soldering Temperature: -235°c for 5 seconds
Materials:
RJ Contact: Phosphor Bronze C5210, T=0.25mm
Housing: Thermoplastic, UL94V-0 black
Shielding: Brass, Nickel plated or Stainless Steel
RJMag SiNglE PoRt 10/100
PTH Cable Latch up, shielded, with side tabs, 5 cores
Part Numbers:
Part number
termination
lED 1 right
lED 2 left
RJMG163213101NR
4x75ohm, 68pf
Yellow
Green
RJMG163117101NR
4x75ohm, 1000pf
transmit shunt choke
Green
Green
RJMG163217101NR
Yellow
Green
RJMG163118101NR
4x75ohm, 1000pf
Green
Green
RJMG163218101NR
Yellow
Green


Similar Part No. - RJSAE538A08

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJSAE-5080-02 AMPHENOL-RJSAE-5080-02 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
RJSAE-5080-04 AMPHENOL-RJSAE-5080-04 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
RJSAE-5080-08 AMPHENOL-RJSAE-5080-08 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
RJSAE-5081-02 AMPHENOL-RJSAE-5081-02 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
RJSAE-5081-04 AMPHENOL-RJSAE-5081-04 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
More results

Similar Description - RJSAE538A08

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJHSE538503 AMPHENOL-RJHSE538503 Datasheet
73Kb / 1P
   RJHSE SERIES, THREE PORT MODULAR JACK, 8 POSITIONS 8 CONTACTS PER PORT, SHIELDED, WITH LEDs - RoHS COMPLIANT
logo
Switchcraft, Inc.
EHRJ45P5E SWITCH-EHRJ45P5E Datasheet
166Kb / 1P
   EH SERIES RJ45. RoHS
EHRJ45P SWITCH-EHRJ45P Datasheet
152Kb / 1P
   EH SERIES RJ45 ADAPTER, RoHS
NHRJ45D SWITCH-NHRJ45D Datasheet
236Kb / 1P
   NH SERIES RJ45 ADAPTER, RoHS
Rev. A
logo
Alpha Wire
QR04QR117-TL356 ALPHAWIRE-QR04QR117-TL356 Datasheet
120Kb / 2P
   RJ45 Male to RJ45 Male
QR04QR118 ALPHAWIRE-QR04QR118 Datasheet
123Kb / 2P
   RJ45 Male to RJ45 Male
QR04QR117 ALPHAWIRE-QR04QR117 Datasheet
120Kb / 2P
   RJ45 Male to RJ45 Male
logo
Switchcraft, Inc.
NHRJ45D_IDC SWITCH-NHRJ45D_IDC Datasheet
171Kb / 1P
   NH SERIES RJ45 RA IDC, RoHS
Rev. A
logo
PHOENIX CONTACT
1652156 PHOENIX-1652156 Datasheet
96Kb / 3P
   Adapter plate - VS-ADP16-RJ45/RJ45
1402420 PHOENIX-1402420 Datasheet
68Kb / 4P
   RJ45 connector - VS-08-RJ45-Q
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com