Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCWL2520102R2MTFQ Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SCWL2520102R2MTFQ
Description  Wire-wound Type Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCWL2520102R2MTFQ Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SCWL2520102R2MTFQ Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCWL2520102R2MTFQ Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCWL2520102R2MTFQ Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCWL2520102R2MTFQ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wire-wound Type Power Inductor
Revision February 12, 2014
1 / 6
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCWL252010XXXXQ Series
SOCAY Electronics Co., Ltd.
www.socay.com
u
This specification applies Low Profile Power Inductors
u
Halogen free, Lead Free, RoHS Compliance
SCWL252010XXXXQ series is generic applied in portable DC
to DC converter line.
u
Mobile phones
u
HDDs
u
DSCs
u
PADs
u
LCD, LED display, etc.
1
Product Series
2
Size Code: the first two digitals : length(mm), the last two digitals : width(mm)
3
Thickness (mm)
4
Inductance (
μH ), eg. 2R2=2.2μH;R47=0.47μH
5
Inductance tolerance, M:
±20%; Y: ±30%
6
Packaging: T - Embossed plastic tape, 7" reel.
7
Soldering : Green Parts, F - Lead-Free for whole chip
8
Model Code
Symbol
252010
A
2.5 -0.1/+0.2
B
2.0 -0.5/+0.35
C
1.02 Max
D
0.85 REF
E
0.80 REF
Part Numbering
Features
Applications
SCWL
2520
10
2R2
M
T
F
Q
(1)
(2)
(3)
(4)
(5)
(6) (7)
(8)
Construction & Dimensions


Similar Part No. - SCWL2520102R2MTFQ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL2520102R2MTF SOCAY-SCWL2520102R2MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
More results

Similar Description - SCWL2520102R2MTFQ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL201610R24MTF SOCAY-SCWL201610R24MTF Datasheet
213Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47YTFQ SOCAY-SCWL252012R47YTFQ Datasheet
510Kb / 6P
   Wire-wound Type Power Inductor
SCWL252012R47MTF SOCAY-SCWL252012R47MTF Datasheet
204Kb / 5P
   Wire-wound Type Power Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com