Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12BC2102-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BC2102-GR
Description  9V Battery Snaps PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BC2102-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BC2102-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 12BC2102-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Male Contact
Female Contact
12BC2102-GR
12BC2202-GR
5.25±.20
(.206±.008)
10.5±.50
(.413±.02)
1±.20
(.04±.008)
14.1±.50
(.555±.02)
1.8±.20
(.071±.008)
.40±.10
(.016±.004)
3.2±.20
(.126±.008)
5±.20
(.20±.008)
1.8±.20
(.071±.008)
3.2±.20
(.126±.008)
3.5±.20
(.138±.008)
1±.20
(.04±.008)
3.8±.20
(.15±.008)
1±.20
(.04±.008)
4.5±.20
(.177±.008)
3Xø2±.20
(ø.079±.008)
2.8±.20
(.11±.008)
10.1±.50
(.40±.02)
PCB/MOUNTING LAYOUT
1.8±.20
(.071±.008)
3.2±.20
(.126±.008)
3.4±.20
(.134±.008)
1±.20
(.04±.008)
3.8±.20
(.15±.008)
1±.20
(.04±.008)
4.5±.20
(.177±.008)
5.25±.20
(.206±.008)
10.5±.50
(.413±.02)
1±.20
(.04±.008)
14.1±.50
(.555±.02)
1.8±.20
(.071±.008)
.40±.10
(.016±.004)
3.2±.20
(.126±.008)
5±.20
(.20±.008)
DIMENSIONS mm (in.)
9V Battery Snaps
PCB Mount
12BC2102-GR, 12BC2202-GR
EPD-200926
Date Last Revised: 1-09-14
SPECIFICATIONS
With 6 prong snap terminal
Brass, nickel plated
0.4mm
Terminal:
Material:
Thickness:
RoHS Compliant


Similar Part No. - 12BC2102-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BC261-GR ETC2-12BC261-GR Datasheet
190Kb / 1P
   Mini Battery Snaps
12BC269-GR ETC2-12BC269-GR Datasheet
190Kb / 1P
   Mini Battery Snaps
More results

Similar Description - 12BC2102-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
123-5004-GR ETC2-123-5004-GR Datasheet
136Kb / 1P
   Battery Snaps
123-5114-GR ETC2-123-5114-GR Datasheet
132Kb / 2P
   Battery Snaps
12BC309-GR ETC2-12BC309-GR Datasheet
79Kb / 1P
   Battery Snaps
123-6004-GR ETC2-123-6004-GR Datasheet
151Kb / 1P
   Battery Snaps
logo
Adam Technologies, Inc.
BS-1 ADAM-TECH-BS-1 Datasheet
111Kb / 1P
   BATTERY SNAPS
logo
List of Unclassifed Man...
12BC261-GR ETC2-12BC261-GR Datasheet
190Kb / 1P
   Mini Battery Snaps
12BH610-GR ETC2-12BH610-GR Datasheet
169Kb / 1P
   9V Battery Holder
12BH614A-GR ETC2-12BH614A-GR Datasheet
203Kb / 1P
   9V Battery Holder
12BH980-GR ETC2-12BH980-GR Datasheet
169Kb / 1P
   9V Battery Clip
121-0426I-GR ETC2-121-0426I-GR Datasheet
139Kb / 1P
   I Type Battery Snaps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com